Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA8496L-J15-A-T Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza TDA8496L-J15-A-T
Descripción Electrónicos  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496L-J15-A-T Datasheet(HTML) 7 Page - Unisonic Technologies

  TDA8496L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TDA8496
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R107-030,F
TYPICAL CHARACTERISTICS
10
50
18
14
20
24
25
45
40
30
15
20
35
Supply Voltage (V)
12
16
22
26 28 30 32
Quiescent Current vs. Supply Voltage
10
550
18
14
20
24
200
500
400
300
100
150
350
Supply Voltage (V)
12
16
22
26 28 30 32
Output DC Offset vs. Supply Voltage
VIN=0
250
450
VIN=0
10
50
18
14
20
24
25
45
40
30
15
20
35
Supply Voltage (V)
12
16
22
26 28 30 32
Quiescent Current vs. Supply Voltage
10
550
18
14
20
24
200
500
400
300
100
150
350
Supply Voltage (V)
12
16
22
26 28 30 32
Output DC Offset vs. Supply Voltage
VIN=0
250
450
VIN=0
UTC assum es no responsibility for equipm ent failures that result from using products at values that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.


Número de pieza similar - TDA8496L-J15-A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496L-J15-A-T UTC-TDA8496L-J15-A-T Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Descripción similar - TDA8496L-J15-A-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com