Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LS5460-HL Datasheet(Hoja de datos) 3 Page - Siemens Semiconductor Group

No. de Pieza. LS5460-HL
Descripción  5 mm (T1 3/4) LED, Diffused
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

   
 3 page
background image
Semiconductor Group
3
LR 5460, LS 5460, LY 5460
LG 5460
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LR
LS, LY, LG
Betriebstemperatur
Operating temperature range
T
op
–55…+100
˚C
Lagertemperatur
Storage temperature range
T
stg
–55…+100
˚C
Sperrschichttemperatur
Junction temperature
T
j
+ 100
˚C
Durchlaßstrom
Forward current
I
F
45
40
mA
Stoßstrom
Surge current
t
≤ 10 µs, D = 0.005
I
FM
0.5
A
Sperrspannung
Reverse voltage
V
R
5V
Verlustleistung
Power dissipation
T
A ≤ 25 ˚C
P
tot
100
140
mW
Wärmewiderstand
Thermal resistance
Sperrschicht / Luft
Junction / air
R
th JA
400
K/W




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TLHF5400High Intensity LED 5 mm Tinted Diffused Package 1 2 3 4 5 Vishay Siliconix
LR53805 mm T1 3/4 LED Diffused Wide-Angle LED 1 2 3 4 5 MoreSiemens Semiconductor Group
CMD50640T-100 T-1 Diffused Lens LED Lamps 1 Chicago Miniature Lamp,inc
TLW.8600clear non diffused LED 1 2 3 4 5 MoreTexas Instruments
192BX35XLED Indicator 14mm Recessed Interior Bezel White Diffused Lenses 1 Chicago Miniature Lamp,inc
TLHK4400High Intensity LED in 3 mm Tinted Diffused Package 1 2 3 4 5 Vishay Siliconix
LR54805 mm T1 3/4 LED Diffused Wide-Angle LED 1 2 3 4 5 MoreSiemens Semiconductor Group
LC461MBL4-95GBlue 95 4mm LED lamp with tinted diffused lens and stand offs. 1 2 3 Marktech Corporate
TLPG5600Sideview LED 5 mm Tinted Diffused 1 2 3 4 5 MoreVishay Siliconix
SSL-LX2573SRD2mm × 5mm RECTANGLUR 650nm SUPER RED LED RED DIFFUSED LENS. 1 List of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl