Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSB480-EH Datasheet(PDF) 5 Page - Siemens Semiconductor Group

No. de pieza LSB480-EH
Descripción Electrónicos  Symbol LED 5 mm x 2.5 mm, Partly Diffused
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSB480-EH Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LSB480-EH Datasheet HTML 1Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 2Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 3Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 4Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 5Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 6Page - Siemens Semiconductor Group LSB480-EH Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle D = parameter,
T
A = 25 ˚C
LS, LY, LG
LR B480, LS B480, LY B480
LG B480
Relative Lichtstärke
I
V/IV(10 mA) = f (IF)
Relative luminous intensity
T
A = 25 ˚C
Zulässige Impulsbelastbarkeit
I
F = f (tP)
Permissible pulse handling capability
Duty cycle
D = parameter, T
A = 25 ˚C
LR


Número de pieza similar - LSB480-EH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LSB480-EH SIEMENS-LSB480-EH Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
More results

Descripción similar - LSB480-EH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LUB371 SIEMENS-LUB371 Datasheet
335Kb / 7P
   Symbol MULTILED 2.5 mm x 5 mm, Partly Diffused
LRH380 SIEMENS-LRH380 Datasheet
437Kb / 8P
   Symbol LED 5 mm T1 3/4 LED, Partly Diffused
LUH371 SIEMENS-LUH371 Datasheet
331Kb / 7P
   Symbol MULTILED 5 mm T1 3/4, Partly Diffused
logo
Vishay Siliconix
TLSG5101 VISHAY-TLSG5101 Datasheet
128Kb / 7P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
TLSH510 VISHAY-TLSH510 Datasheet
101Kb / 8P
   Symbol LED, 2.5 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSV5100 VISHAY-TLSV5100_V01 Datasheet
107Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
09-Jul-2021
TLVS5100 VISHAY-TLVS5100 Datasheet
109Kb / 6P
   Bicolor Symbol LED in 2.5 mm x 5 mm Untinted Top-Diffused Package
Rev. 1.7, 23-May-13
TLSV5100 VISHAY-TLSV5100 Datasheet
92Kb / 6P
   Bicolor Symbol LED in 2.5 x 5 mm Untinted Top-Diffused Package
Rev. A1, 04-Feb-99
TLSH210 VISHAY-TLSH210 Datasheet
95Kb / 8P
   Symbol LED in 2 x 5 mm Flat Tinted Top-Diffused Package
Rev. A1, 04-Feb-99
TSDF2005W VISHAY-TSDF2005W Datasheet
116Kb / 7P
   Symbol LED in 2 x 5 mm Flat and Tinted Top-Diffused Package
Rev. A3, 05-Oct-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com