Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3750 Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza UC3750
Descripción Electrónicos  600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3750 Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3750 Datasheet HTML 1Page - Unisonic Technologies UC3750 Datasheet HTML 2Page - Unisonic Technologies UC3750 Datasheet HTML 3Page - Unisonic Technologies UC3750 Datasheet HTML 4Page - Unisonic Technologies UC3750 Datasheet HTML 5Page - Unisonic Technologies UC3750 Datasheet HTML 6Page - Unisonic Technologies UC3750 Datasheet HTML 7Page - Unisonic Technologies UC3750 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC3750
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-360.b
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Device Power Supply
VIN
-0.3 ~ 6.0
V
Input Voltage (CE)
VCE
-0.3 ~ 6.0
V
Output Voltage (VOUT)
VOUT
-0.3 ~ 6.0
V
Output Voltage (EXT)
VEXT
-0.3 ~ 6.0
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
−40~+85
°C
Storage Temperature
TSTG
−55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
ELECTRICAL CHARACTERISTICS
(TA = 25°C (TYP. value), TA =-40°C ~ 85°C (MIN. and MAX. values), unless otherwise specified)
UC3750-27(2.7V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
TOTAL DEVICE
Input Voltage
VIN
2.45
5.50
V
Output Voltage
VOUT
ILOAD = 0mA, TA = 25°C
2.646
2.7
2.754
V
Input Current into VOUT Pin
II(VOUT)
2.5
4.0
μA
Operating Current
IDD
VIN =5.0V, VCE =5.0 V
(No External Components)
50
80
μA
Off-State Current
IOFF
VIN = 5.0V, VCE = 0V, TA = 25°C
0.3
0.5
μA
OSCILLATOR
Frequency
FOSC
510
600
690
kHz
Maximum Duty Cycle
DMAX
100
%
Switchover ON Time Threshold (Note)
TON
167
320
500
nS
Soft-Start Delay Time (Note)
TSS
8.0
mS
Protection Delay Time
TPORT
Auto Restart
8.0
mS
OUTPUT DRIVE (EXT PIN)
EXT “H” Output Current
IEXTH
VEXT =VIN -0.4V
-60
mA
EXT “L” Output Current
IEXTL
VEXT = 0.4 V
100
mA
EXT “L-H” Rise Time
TR
CLOAD = 1000pF,VIN = 5.0V
65
nS
EXT “H-L” Fall Time
TF
CLOAD = 1000pF, VIN = 5.0V
40
nS
EXT “L-H” Rise Time
TR
CLOAD = 5.0nF, VIN = 5.0V
140
nS
EXT “H-L” Fall Time
TF
CCLOAD = 5.0nF, VIN = 5.0V
90
nS
CE (CE PIN)
CE “H” Input Voltage
VCEH
1.3
V
CE “L” Input Voltage
VCEL
0.3
V
CE “H” Input Current
ICEH
VIN =VCE = 5.0V
-0.5
0
0.5
μA
CE “L” Input Current
ICEL
VIN =5.0V, VCE =0V
-0.5
0.15
0.5
μA
Under-Voltage Lockout
Under-Voltage Lockout Threshold
VUVLO
1.60
2.20
2.40
V
Under-Voltage Lockout Hysteresis
VUVLO(HYS)
50
mV


Número de pieza similar - UC3750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750G-XX-AF5-R UTC-UC3750G-XX-AF5-R Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
More results

Descripción similar - UC3750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com