Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSPK372-PO Datasheet(PDF) 8 Page - Siemens Semiconductor Group

No. de pieza LSPK372-PO
Descripción Electrónicos  Super Multi ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LSPK372-PO Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  LSPK372-PO Datasheet HTML 1Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 2Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 3Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 4Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 5Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 6Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 7Page - Siemens Semiconductor Group LSPK372-PO Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
LSG K372, LSP K372
Maßzeichnung
(Maße in mm, wenn nicht anders angegeben)
Package Outlines
(Dimensions in mm, unless otherwise specified)
Kathodenkennzeichnung:
rot:
kürzerer Lötspieß
grün:
längerer Lötspieß
Cathode mark:
red:
shorter solder lead
green:
longer solder lead


Número de pieza similar - LSPK372-PO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LSPK370-KN SIEMENS-LSPK370-KN Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSPK370-M SIEMENS-LSPK370-M Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSPK370-MQ SIEMENS-LSPK370-MQ Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSPK370-N SIEMENS-LSPK370-N Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSPK370-P SIEMENS-LSPK370-P Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
More results

Descripción similar - LSPK372-PO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
LSK382 SIEMENS-LSK382 Datasheet
471Kb / 8P
   Super ARGUS LED High-Current, 3 mm T1 LED, Non Diffused
LSGK370 SIEMENS-LSGK370 Datasheet
552Kb / 8P
   Multi ARGUS LED 3 mm T1 LED, Non Diffused
LSK380 SIEMENS-LSK380 Datasheet
540Kb / 8P
   ARGUS LED 3 mm T1 LED, Non Diffused
LSK389 SIEMENS-LSK389 Datasheet
403Kb / 7P
   LC ARGUS LED Low current 3 mm T1 LED, Non Diffused
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3341 SIEMENS-LS3341 Datasheet
320Kb / 7P
   3 mm T1 LED, Non Diffused Super-Bright LED
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3340 SIEMENS-LS3340 Datasheet
520Kb / 8P
   3 mm (T1) LED, Non Diffused
logo
OSRAM GmbH
LSK380 OSRAM-LSK380_02 Datasheet
114Kb / 10P
   3 mm (T1) LED, Non Diffused
logo
Siemens Semiconductor G...
LS5421 SIEMENS-LS5421 Datasheet
405Kb / 8P
   5 mm T1 3/4 LED, Non Diffused Super-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com