Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N139S1(TB)-V Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

No. de pieza 6N139S1(TB)-V
Descripción Electrónicos  8 PIN DIP LOW INPUT CURRENT HIGH GAIN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N139S1(TB)-V Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 6N139S1(TB)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd 6N139S1(TB)-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Everlight Electronics Co., Ltd.
7
http://www.everlight.com
Document No:DPC-0000019
Rev.2
February 23, 2009
8 PIN DIP LOW INPUT CURRENT HIGH GAIN
SPLIT DARLINGTON PHOTOCOUPLER
6N138 6N139
Fig. 13 Switching Time Test Circuit and Waveform
Fig. 14 Common Mode Transient Immunity Test Circuit and Waveform
Note:
*3 Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the
leading edge of the common mode pulse signal VCM, to assure that the output will remain in a logic high
state (i.e., VO > 2.0V).
Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the
trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low
state (i.e., VO < 0.8V).
IF
VO
5V
1.5V
VOL
tPLH
tPHL
+5V
Vo
RL
0.1uF
0.1uF
Rin
IF
Monitor
IF
Pulse
Generator
Tr=5ns,
Zo=50Ω
VF
CMH: Switch at B (IF=0mA)
CML: Switch at A (IF=1.6mA)
IF
+5V
RL
0.1uF
VF
Vo
B
A
VFF
VCM


Número de pieza similar - 6N139S1(TB)-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Fairchild Semiconductor
6N139SD FAIRCHILD-6N139SD Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Descripción similar - 6N139S1(TB)-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
6N138 EVERLIGHT-6N138_13 Datasheet
1Mb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
EL0700 EVERLIGHT-EL0700 Datasheet
1Mb / 13P
   8 PIN SOP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Motorola, Inc
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com