Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6708AJ8R2 Datasheet(PDF) 7 Page - Motorola, Inc

No. de pieza MCM6708AJ8R2
Descripción Electrónicos  64K x 4 Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6708AJ8R2 Datasheet(HTML) 7 Page - Motorola, Inc

  MCM6708AJ8R2 Datasheet HTML 1Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 2Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 3Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 4Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 5Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 6Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 7Page - Motorola, Inc MCM6708AJ8R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MCM6708A
2–7
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
J PACKAGE
300 MIL SOJ
CASE 810A–02
M
1.27 BSC
0.64 BSC
15.75
7.50
3.26
0.39
2.24
0.67
0.89
0.76
8.51
6.61
0.77
16.00
7.74
3.75
0.50
2.48
0.81
0.50
1.14
1.14
8.76
7.11
1.01
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
E
F
G
H
K
L
M
N
P
R
S
0.050 BSC
0.025 BSC
0.620
0.295
0.128
0.015
0.088
0.026
0.035
0.030
0.335
0.260
0.030
0.630
0.305
0.148
0.020
0.098
0.032
0.020
0.045
0.045
0.345
0.280
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. MOLD PROTRUSION SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
3. CONTROLLING DIMENSION: INCH.
4. DIMENSION R TO BE DETERMINED AT DATUM
-T-.
S RAD
D 24 PL
T
A
M
S
T
B
S
S
T
B
S
S
0.10 (0.004)
SEATING
PLANE
-T-
DETAIL Z
M
K
L
G
-A-
H BRK
1
12
13
24
DETAIL Z
F
N
-B-
M
R
0.25 (0.010)
0.18 (0.007)
0.18 (0.007)
C
E
P
0
_
5
_
0
_
5
_


Número de pieza similar - MCM6708AJ8R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6 MOTOROLA-MCM6706ARJ6 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6R2 MOTOROLA-MCM6706ARJ6R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7 MOTOROLA-MCM6706ARJ7 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7R2 MOTOROLA-MCM6706ARJ7R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results

Descripción similar - MCM6708AJ8R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com