Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6709BJ8 Datasheet(PDF) 1 Page - Motorola, Inc

No. de pieza MCM6709BJ8
Descripción Electrónicos  64K x 4 Bit Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709BJ8 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6709BJ8 Datasheet HTML 1Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 2Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 3Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 4Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 5Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 6Page - Motorola, Inc MCM6709BJ8 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MCM6709B
1
MOTOROLA FAST SRAM
Product Preview
64K x 4 Bit Static RAM
The MCM6709B is a 262,144 bit static random access memory organized as
65,536 words of 4 bit. Static design eliminates the need for external clocks or tim-
ing strobes.
Output enable (G), a special control feature of the MCM6709B, provides in-
creased system flexibility and eliminates bus contention problems.
The MCM6709B is available in a 300 mil, 28 lead plastic surface–mount SOJ
package.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• All Inputs and Outputs are TTL Compatible
• Three State Outputs
• Fast Access Times: MCM6709B–8 = 8 ns
MCM6709B–10 = 10 ns
MCM6709B–12 = 12 ns
BLOCK DIAGRAM
G
INPUT
DATA
CONTROL
MEMORY MATRIX
256 ROWS x 256 x 4
COLUMNS
COLUMN I/O
COLUMN DECODER
AA
A
A
A
A
A
A
A
A
A
A
A
A
A
A
DQ
DQ
E
W
ROW
DECODER
••
••
••
••
This document contains informantion on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM6709B/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6709B
J PACKAGE
300 MIL SOJ
CASE 810B–03
NC
A
A
A
A
A
A
A
A
A
A
E
G
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
A
A
A
A
A
A
NC
NC
DQ
DQ
DQ
DQ
W
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A
Address Inputs
. . . . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . .
DQ
Data Input/Output
. . . . . . . . . . . . .
VCC
+ 5 V Power Supply
. . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . .
PIN NAMES
REV 1
10/9/96
© Motorola, Inc. 1996


Número de pieza similar - MCM6709BJ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BRJ6 MOTOROLA-MCM6709BRJ6 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BRJ6R MOTOROLA-MCM6709BRJ6R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BRJ7 MOTOROLA-MCM6709BRJ7 Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BRJ7R MOTOROLA-MCM6709BRJ7R Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
More results

Descripción similar - MCM6709BJ8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com