Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDBD2045-HF Datasheet(PDF) 4 Page - Comchip Technology

No. de pieza CDBD2045-HF
Descripción Electrónicos  Chip Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD2045-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBD2045-HF Datasheet HTML 1Page - Comchip Technology CDBD2045-HF Datasheet HTML 2Page - Comchip Technology CDBD2045-HF Datasheet HTML 3Page - Comchip Technology CDBD2045-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Suggested PAD Layout
Part Number
Marking Code
Marking Code
CDBD2020-HF
Page 4
REV:A
Comchip Technology CO., LTD.
Chip Schottky Barrier Rectifiers
QW-JB014
CDBD2040-HF
CDBD2060-HF
CDBD2080-HF
Case Type
Qty per Reel
(Pcs)
800
Reel Size
(inch)
13
SIZE
(inch)
0.374
(mm)
9.50
2.50
16.90
0.098
0.665
10.80
0.425
X2
1.10
0.043
B
C
X1
A
TO-263 / D2PAK
TO-263 / D2PAK
CDBD2050-HF
CDBD2030-HF
C
X1
X2
Y1
A
B
Y2
11.40
0.449
Y2
3.50
0.138
Y1
XXXXXX / XXXXXXX = Product type marking code
XXXXXX
CDBD20150-HF
CDBD20200-HF
CDBD20100-HF
SK2020
SK2030
SK2040
SK2050
SK2060
SK2080
SK20100
SK20150
SK20200
CDBD2045-HF
SK2045
Standard Packaging


Número de pieza similar - CDBD2045-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBD2045-G COMCHIP-CDBD2045-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
More results

Descripción similar - CDBD2045-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com