Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6709AJ10R2 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MCM6709AJ10R2
Descripción Electrónicos  64K x 4 Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709AJ10R2 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM6709AJ10R2 Datasheet HTML 1Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 2Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 3Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 4Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 5Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 6Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 7Page - Motorola, Inc MCM6709AJ10R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCM6709A
2–2
MOTOROLA FAST SRAM
TRUTH TABLE (X = Don’t Care)
E
G
W
Mode
Output
Cycle
H
X
X
Not Selected
High–Z
L
H
H
Read
High–Z
L
L
H
Read
Dout
Read Cycle
L
X
L
Write
Din
Write Cycle
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS for Any Pin
Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 30
mA
Power Dissipation
PD
2.0
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature — Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3*
V
Input Low Voltage
VIL
– 0.5**
0.8
V
* VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2.0 V ac (pulse width ≤ 2.0 ns) or I ≤ 30.0 mA.
** VIL (min) = – 0.5 V dc @ 30.0 mA; VIL (min) = – 2.0 V ac (pulse width ≤ 2.0 ns) or I ≤ 30.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
Output Low Voltage (IOL = 8.0 mA)
VOL
0.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
MCM6709A–8
MCM6709A–10
MCM6709A–12
Unit
Notes
AC Active Supply Current (Iout = 0 mA, VCC = max,
f = fmax)
ICCA
185
175
165
mA
1, 2, 3
AC Standby Current (E = VIH, VCC = max, f = fmax)
ISB1
120
110
105
mA
1, 2, 3
CMOS Standby Current (VCC = max, f = 0 MHz,
E
≥ VCC – 0.2 V, Vin ≤ VSS, or ≥ VCC – 0.2 V)
ISB2
50
50
50
mA
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr/tf, pulse level 0 to 3.0 V, VIH = 3.0 V).
2. All addresses transition simultaneously low (LSB) and then high (MSB).
3. Data states are all zero.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to this high–impedance circuit.
This BiCMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear feet
per minute is maintained.


Número de pieza similar - MCM6709AJ10R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709ARJ6 MOTOROLA-MCM6709ARJ6 Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709ARJ6R2 MOTOROLA-MCM6709ARJ6R2 Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709ARJ7 MOTOROLA-MCM6709ARJ7 Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6709ARJ7R2 MOTOROLA-MCM6709ARJ7R2 Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
More results

Descripción similar - MCM6709AJ10R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com