Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM6709RJ7 Datasheet(PDF) 3 Page - Motorola, Inc

No. de pieza MCM6709RJ7
Descripción Electrónicos  64K x 4 Bit Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6709RJ7 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM6709RJ7 Datasheet HTML 1Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 2Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 3Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 4Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 5Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 6Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 7Page - Motorola, Inc MCM6709RJ7 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM6709R
3
MOTOROLA FAST SRAM
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Max
Unit
Address Input Capacitance
Cin
5
pF
Control Pin Input Capacitance (E, G, W)
Cin
6
pF
Input/Output Capacitance
CI/O
6
pF
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
See Figure 1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ CYCLES 1 AND 2 (See Notes 1 and 2)
MCM6709R–6
MCM6709R–7
MCM6709R–8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
6
7
8
ns
3
Address Access Time
tAVQV
6
7
8
ns
Chip Enable Access Time
tELQV
6
7
8
ns
Output Enable Access Time
tGLQV
4
4
4
ns
Output Hold from Address Change
tAXQX
3
3
3
ns
Chip Enable Low to Output Active
tELQX
3
3
3
ns
4, 5, 6
Output Enable Low to Output Active
tGLQX
0
0
0
ns
4, 5, 6
Chip Enable High to Output High–Z
tEHQZ
0
3
0
3.5
0
4
ns
4, 5, 6
Output Enable High to Output High–Z
tGHQZ
0
3
0
3.5
0
4
ns
4, 5, 6
NOTES:
1. W is high for read cycle.
2. Product sensitivities to noise require proper grounding and decoupling of power supplies as well as minimization or elimination of bus
contention conditions during read and write cycles.
3. All read cycle timings are referenced from the last valid address to the first transitioning address.
4. At any given voltage and temperature, tEHQZ max is less than tELQX min, and tGHQZ max is less than tGLQX min, both for a given
device and from device to device.
5. Transition is measured 200 mV from steady–state voltage with load of Figure 1B.
6. This parameter is sampled and not 100% tested.
AC TEST LOADS
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 1A
Figure 1B
5 pF
+5 V
OUTPUT
255
480
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time (even though most devices do not
require it). On the other hand, responses from
the memory are specified from the device
point of view. Thus, the access time is shown
as a maximum since the device never pro-
vides data later than that time.
TIMING LIMITS


Número de pieza similar - MCM6709RJ7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ10 MOTOROLA-MCM6709AJ10 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ10R2 MOTOROLA-MCM6709AJ10R2 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ12 MOTOROLA-MCM6709AJ12 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709AJ12R2 MOTOROLA-MCM6709AJ12R2 Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
More results

Descripción similar - MCM6709RJ7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA Datasheet
67Kb / 7P
   CMOS STATIC RAM 256K (64K x 4-BIT)
IDT7188S IDT-IDT7188S Datasheet
69Kb / 8P
   CMOS STATIC RAM 64K 16K x 4-BIT
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com