Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZT2907 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

No. de pieza PZT2907
Descripción Electrónicos  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PZT2907 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  PZT2907 Datasheet HTML 1Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 2Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 3Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 4Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 5Page - Siemens Semiconductor Group PZT2907 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Semiconductor Group
3
PZT 2907
PZT 2907 A
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Base-emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
Collector-emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
MHz
Transition frequency
IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
200
AC characteristics
pF
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Cobo
––8
V
VCEsat
0.4
1.6
VBEsat
1.3
2.6
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
ns
ns
ns
ns
VCC = 30 V, IC = 150 mA, IB1 = 15 mA
Delay time
Rise time
VCC = 6 V, IC = 150 mA, IB1 = IB2 = 15 mA
Storage time
Fall time
(see diagrams)
td
tr
tstg
tf
10
40
80
30
Input capacitance
VEB = 0.5 V, f = 1 MHz
Cibo
––30
1)
Pulse test conditions: t
300 µs, D = 2 %.


Número de pieza similar - PZT2907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
PZT2907 DIOTEC-PZT2907 Datasheet
109Kb / 2P
   Suface Mount Si-Epitaxial Planar Switching Transistors
logo
Fairchild Semiconductor
PZT2907A FAIRCHILD-PZT2907A Datasheet
685Kb / 11P
   PN2907A / MMBT2907A / PZT2907A 60 V PNP General Purpose Transistor
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
More results

Descripción similar - PZT2907

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com