Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADG5209 Datasheet(PDF) 9 Page - Analog Devices |
|
ADG5209 Datasheet(HTML) 9 Page - Analog Devices |
9 / 24 page Data Sheet ADG5208/ADG5209 Rev. A | Page 9 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 7. Parameter Rating VDD to VSS 48 V VDD to GND −0.3 V to +48 V VSS to GND +0.3 V to −48 V Analog Inputs1 VSS − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Digital Inputs1 VSS − 0.3 V to VDD + 0.3 V or 30 mA, whichever occurs first Peak Current, Sx, D, or Dx Pins ADG5208 126 mA (pulsed at 1 ms, 10% duty cycle maximum) ADG5209 92 mA (pulsed at 1 ms, 10% duty cycle maximum) Continuous Current, Sx, D, or Dx Pins2 Data + 15% Temperature Range Operating −40°C to +125°C Storage −65°C to +150°C Junction Temperature 150°C Thermal Impedance, θJA 16-Lead TSSOP (4-Layer Board) 112.6°C/W 16-Lead LFCSP (4-Layer Board) 30.4°C/W Reflow Soldering Peak Temperature, Pb Free 260(+0/−5)°C HBM ESD I/O Port to Supplies 4 kV I/O Port to I/O Port 1 kV All Other Pins 4 kV 1 Overvoltages at the Ax, EN, Sx, D, and Dx pins are clamped by internal diodes. Limit current to the maximum ratings given. 2 See Table 5 and Table 6. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating can be applied at any one time. ESD CAUTION |
Número de pieza similar - ADG5209 |
|
Descripción similar - ADG5209 |