Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA2516 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

No. de pieza SDA2516
Descripción Electrónicos  Nonvolatile Memory 1-Kbit E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA2516 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button SDA2516 Datasheet HTML 3Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 4Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 5Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 6Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 7Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 8Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 9Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 10Page - Siemens Semiconductor Group SDA2516 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Semiconductor Group
11
SDA 2516-5
Characteristics
TA = 25 ˚C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Supply voltage
VCC
4.75
5.0
5.25
V
Supply current
ICC
20
mA
VCC = 5.25 V
Inputs
Input voltages
SDA/SCL
VIL
1.5
V
Input voltages
SDA/SCL
VIH
3.0
VCC
V
Input currents
SDA/SCL
IH
10
µA
VIH = VCC
Outputs
Output current SDA
IQL
3.0
mA
VQL = 0.4 V
Leakage current SDA
IQH
10
µA
VQH = VCC max
Inputs
Input voltages
CS0/CS1/CS2
VIL
0.2
V
Input voltages
CS0/CS1/CS2
VIH
4.5
VCC
V
Input currents
CS0/CS1/CS2
IIH
100
µA
VCC = 5.25 V
Clock frequency
fSCL
100
kHz
Reprogramming duration
tPROG
10
20
ms
erase and write
Input capacity
CI
10
pF
Total erase
tGL
20
ms
CS2 = open


Número de pieza similar - SDA2516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
SDA2511CDN LEIDITECH-SDA2511CDN Datasheet
1Mb / 3P
   BIDIRECTIONAL TVS DIODE
More results

Descripción similar - SDA2516

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
SDA2506-5 SIEMENS-SDA2506-5 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
SDA2526-5 SIEMENS-SDA2526-5 Datasheet
273Kb / 12P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
SDE2526 SIEMENS-SDE2526 Datasheet
232Kb / 10P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
SDA2586 SIEMENS-SDA2586 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
   NONVOLATILE FRAM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com