Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA5255 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

No. de pieza SDA5255
Descripción Electrónicos  TVTEXT 8-Bit Microcontroller
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5255 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  SDA5255 Datasheet HTML 1Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 2Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 3Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 4Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 5Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 6Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 7Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 8Page - Siemens Semiconductor Group SDA5255 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 143 page
background image
SDA 525x
Semiconductor Group
5
1998-04-08
1
General Description
The SDA 525x contains a slicer for TTX, VPS and WSS, an accelerating acquisition
hardware modul, a display generator for “Level 1” TTX data and an 8 bit microcontroller
running at 333 ns cycle time. The controller with dedicated hardware guarantees
flexibility, does most of the internal processing of TTX acquisition, transfers data to/from
the external memory interface and receives/transmits data via I
2C and UART user
interfaces. The block diagram shows the internal organization of the SDA 525x. The
Slicer combined with dedicated hardware stores TTX data in a VBI buffer of 1 Kbyte. The
microcontroller firmware does the total acquisition task (hamming- and parity-checks,
page search and evaluation of header control bits) once per field.
2
Features
Acquisition
• Feature selection via special function register
• Simultaneous reception of TTX, VPS and WSS
• Fixed framing code for VPS and TTX
• Acquisition during VBI
• Direct access to VBI RAM buffer
• Acquisition of packets X/26, X/27, 8/30 (firmware)
• Assistance of all relevant checks (firmware)
• 1-bit framing code error tolerance (switchable)
Display
• Features selectable via special function register
• 50/60 Hz display
• Level 1 serial attribute display pages
• Blanking and contrast reduction output
• 8 direct addressable display pages for SDA 5250, SDA 5254 and SDA 5255
• 1 direct addressable display page for SDA 5251 and SDA 5252
• 12
× 10 character matrix
• 96 character ROM (standard G0 character set)
• 143 national option characters for 11 languages
• 288 characters for X/26 display
• 64 block mosaic graphic characters
• 32 characters for OSD in expanded character ROM + 32 characters inside OSD box
• Conceal/reveal
• Transparent foreground/background - inside/outside of a box
• Contrast reduction inside/outside of a box
• Cursor (colour changes from foreground to background colour)
• Flash (flash rate 1s)


Número de pieza similar - SDA5255

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA5255-2 SIEMENS-SDA5255-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA5255M-2 SIEMENS-SDA5255M-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
More results

Descripción similar - SDA5255

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com