Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA9288X Datasheet(PDF) 18 Page - Siemens Semiconductor Group

No. de pieza SDA9288X
Descripción Electrónicos  Single Chip PIP System
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA9288X Datasheet(HTML) 18 Page - Siemens Semiconductor Group

Back Button SDA9288X Datasheet HTML 14Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 15Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 16Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 17Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 18Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 19Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 20Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 21Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
SDA 9288X
Semiconductor Group
18
03.96
vertical width of the frame are independently programmable. Width = 0 means display
without frame.
Examples for the Adjustment of Frame Colors
2.4.3
Select Signal
For controlling an external switch (for example an RGB processor) a select signal is
supplied. Pin SEL is active in normal 13.5 MHz reading mode, pin SELD is active using
27 MHz. The phases of these signals are programmable for adaption to different
external output signal processing.
Frame
Color
FRY
D3 … D0 of Subaddress 09
FRU
D3 … D0 of Subaddress 0A
FRV
D7 … D4 of Subaddress 0A
Blue
0100
0110
1010
Green
0100
1000
1010
White
1100
0000
0000
Red
0100
1000
0111
Yellow
1100
1000
0100
Cyan
1100
0010
1010
Magenta 0100
0110
0100


Número de pieza similar - SDA9288X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA9280B22 SIEMENS-SDA9280B22 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
More results

Descripción similar - SDA9288X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9083N TOSHIBA-TC9083N Datasheet
954Kb / 25P
   1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Broadcom Corporation.
BCM2033 BOARDCOM-BCM2033 Datasheet
125Kb / 2P
   SINGLE CHIP BLUETOOTH SYSTEM
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
   PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
   PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
Integrated Device Techn...
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
   SINGLE CHIP PC AUDIO SYSTEM
logo
Panasonic Semiconductor
MN2WS0025 PANASONIC-MN2WS0025 Datasheet
739Kb / 4P
   Single-Chip HDTV System LSI
logo
Integrated Device Techn...
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
   SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com