Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA9288X Datasheet(PDF) 27 Page - Siemens Semiconductor Group

No. de pieza SDA9288X
Descripción Electrónicos  Single Chip PIP System
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA9288X Datasheet(HTML) 27 Page - Siemens Semiconductor Group

Back Button SDA9288X Datasheet HTML 23Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 24Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 25Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 26Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 27Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 28Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 29Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 30Page - Siemens Semiconductor Group SDA9288X Datasheet HTML 31Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
SDA 9288X
Semiconductor Group
27
03.96
3.2
Operational Range
Parameter
Symbol
Limit Values
Unit Remark
min.
typ.
max.
Supply voltages
V
DDxx
4.75
5
5.5
V
Ambient temperature
T
A
025
70
°C
All TTL Inputs
Low-level input
voltage
V
IL
– 1
0.8
V
High-level input
voltage
V
IH
2.0
6
V
All Three Level Inputs (3-L) (see figure)
High-level input
voltage
V
IH
3.5
6
V
Low-level input
voltage
V
IL
– 1
0.8
V
Medium-level voltage
V
IM
Open input,
see chapter 3.3
All 3-L Outputs (see figure)
High-level output
current
I
OH
– 500
0
µA
Low-level output
current
I
OL
0
1.6
mA
Inset Horizontal Sync TTL and 3-L Inputs: HPD/SCI, HVI1)
Horizontal frequency
14.53
16.72
kHz
Signal rise time
100
ns
Noisefree L/M-to-H
transition
Signal high time
100
ns
Signal medium
or low time
900
ns
1) All values are referred to the corresponding min (V
IH), max (VIM) and max (VIL)


Número de pieza similar - SDA9288X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA9280B22 SIEMENS-SDA9280B22 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
More results

Descripción similar - SDA9288X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9083N TOSHIBA-TC9083N Datasheet
954Kb / 25P
   1 CHIP PIP CONTROLLER FOR MULTI COLOR SYSTEM
TB1212N TOSHIBA-TB1212N Datasheet
1Mb / 33P
   SINGLE CHIP NICAM SYSTEM
logo
Broadcom Corporation.
BCM2033 BOARDCOM-BCM2033 Datasheet
125Kb / 2P
   SINGLE CHIP BLUETOOTH SYSTEM
logo
Sanyo Semicon Device
LC74401E SANYO-LC74401E Datasheet
391Kb / 19P
   PIP Controllers
LC74411N SANYO-LC74411N Datasheet
174Kb / 14P
   PIP Controller
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
Integrated Device Techn...
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
   SINGLE CHIP PC AUDIO SYSTEM
logo
Panasonic Semiconductor
MN2WS0025 PANASONIC-MN2WS0025 Datasheet
739Kb / 4P
   Single-Chip HDTV System LSI
logo
Integrated Device Techn...
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
   SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com