Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51925 Datasheet(PDF) 6 Page - Cyrustek corporation

No. de pieza ES51925
Descripción Electrónicos  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51925 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51925 Datasheet HTML 2Page - Cyrustek corporation ES51925 Datasheet HTML 3Page - Cyrustek corporation ES51925 Datasheet HTML 4Page - Cyrustek corporation ES51925 Datasheet HTML 5Page - Cyrustek corporation ES51925 Datasheet HTML 6Page - Cyrustek corporation ES51925 Datasheet HTML 7Page - Cyrustek corporation ES51925 Datasheet HTML 8Page - Cyrustek corporation ES51925 Datasheet HTML 9Page - Cyrustek corporation ES51925 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Ver 2.9
6
10/06/25
ES51925
3000 Counts Smart DMM
Functional Description
1. Operation Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in
voltage measurement mode. The following table summarizes the full-scale ranges
in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
300.0mV*
1
VR1 (10MΩ)
VR2
3.000V**
1/10
VR2 (1.111MΩ)
VR3
30.00V
1/100
VR3 (101KΩ)
VR4
300.0V
1/1000
VR4 (10KΩ)
VR5
1000V***
1/10000
VR5 (1KΩ)
Note:
* Exists in manual mode only by RANGE key control
**This range is the default range for auto range & auto scan mode
*** Depends on CESEL selection
1.1.1 OL selection
ES51925 has a OL display selection feature archived by configuring a CESEL
pin. If pin CESEL is connected to V-, ES51925 will have a 600.0V overflow
level in DCV and ACV mode. If pin CESEL is connected to DGND, the
ES51925 will have a 1010V overflow level in DCV mode and have a 1010V
overflow level in ACV mode also. When CE is floating, a 1500V overflow level
in DCV mode but ACV is still 1010V overflow level. The meter will Show OL
when the measuring signal reaches the overflow level with beeper warning. The
configuration of CESEL is listed below.
CESEL
DCV
ACV
V-
600.0V
600.0V
DGND
1010V
1010V
Floating
1500V
1010V


Número de pieza similar - ES51925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
More results

Descripción similar - ES51925

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com