Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES51983 Datasheet(PDF) 5 Page - Cyrustek corporation

No. de pieza ES51983
Descripción Electrónicos  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES51983_11 Datasheet HTML 1Page - Cyrustek corporation ES51983_11 Datasheet HTML 2Page - Cyrustek corporation ES51983_11 Datasheet HTML 3Page - Cyrustek corporation ES51983_11 Datasheet HTML 4Page - Cyrustek corporation ES51983_11 Datasheet HTML 5Page - Cyrustek corporation ES51983_11 Datasheet HTML 6Page - Cyrustek corporation ES51983_11 Datasheet HTML 7Page - Cyrustek corporation ES51983_11 Datasheet HTML 8Page - Cyrustek corporation ES51983_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
11/01/05
5
ES51983
3 3/4 AUTO DMM
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V- to AGND)
-4V
Analog Input Voltage
V- -0.6 to V+ +0.6
V+
V+
(AGND/DGND+0.5V)
AGND/DGND
AGND/DGND
(V- -0.5V)
Digital Input
V- -0.6 to DGND +0.6
Power Dissipation. Flat Package
500mW
Operating Temperature
0℃ to 70℃
Storage Temperature
-25℃ to 125℃
Electrical Characteristics
TA=25℃, V- =
-3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.2
V
Operating supply current
In DCV mode
IDD
Normal operation
0.9
1.1
mA
ISS
In sleep
0.1
5
µA
Voltage roll-over error
REV
10MΩ input
resistor
±0.1
%F.S
Voltage nonlinearity
NLV
Best case straight
line
±0.1
%F.S
Input Leakage
-10
1
10
PA
Low battery flag voltage
V- to AGND
-2.5
-2.3
-2.1
V
Zero input reading
10MΩ input resistor
-000
000
+000 counts
Reference voltage and open circuit
voltage for 400Ω measurement
VREF
100KΩ resistor
between VRH and
AGND
-1.3
-1.2
-1.1
V
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.00
3.2
3.40
V
Counter time base period
fOSC = 4MHZ
1
sec
Open circuit voltage for Ω
Measurement (except 400Ω)
Ω
and Continuity
Mode
-0.54
-0.47
-0.4
V
Internal pull-high to 0V
Current
Between V- pin and
HOLD, RANGE,
KEY, FC1, FC2,
FC3, FC4, FC5,
XTAL, BKLIT
1.2
µA
Between V- pin
and RS232
11
Internal pull-low to V-
Current
Between GND Pin
and SLACDC
1.5
µA
AC frequency response at
4.000V range
±1%
40-400
HZ
±5%
400-2000
Reference voltage temperature
Coefficient
TCRF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃


Número de pieza similar - ES51983_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
More results

Descripción similar - ES51983_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com