Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4T08G-T Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

No. de pieza 4T08G-T
Descripción Electrónicos  TRIACs, 4A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NELLSEMI [Nell Semiconductor Co., Ltd]
Página de inicio  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4T08G-T Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  4T08G-T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4T08G-T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TO-220AB / DPAK / IPAK
www.nellsemi.com
Page4 of 7
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
4 = 4A
06 = 600V
08 = 800V
T = 5mA Standard
D = 5mA Standard
SW = 10mA Logic Level
4
T 06
A - CW
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
SEMICONDUCTOR
4T Series RoHS
RoHS
AF= TO-220F(ISOWAT TO-220AB, insulated)
F = TO-251 (I-PAK)
G = TO-252 (D-PAK)
I
Sensitivity
GT
S = 10mA Standard
TW = 5mA Logic Level
A = 10mA Standard
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
0
1
2
3
4
5
6
P (W)
0
I
(A)
T(RMS)
125
100
75
50
25
Fig.3 RMS on-state current versus ambient
temperature (printed circuit board FR4,
copper thickness: 35µm)(full cycle)
Fig.4 Relative variation of thermal impedance
versus pulse duration.
0.0
1E-2
1E-1
1E+0
K=[Z /R ]
th
th
5E+2
1E+2
1E+1
1E+0
1E-1
1E-2
0
25
50
75
100
125
I
(A)
T(RMS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
T (°C)
C
ITO-220AB
(
)
TO-220AB insulated
DPAK
2
(S=0.5cm )
T (°C)
c
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Rth(j-a)
TO-220AB / DPAK / IPAK
DPAK / IPAK
ISOWATT220AB
TO-220AB / TO-220AB (insulated)
Rth(j-c)
t (
s)
p
CW = 35mA Snubberless


Número de pieza similar - 4T08G-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
4T00UP BELDEN-4T00UP Datasheet
170Kb / 2P
   Security & Sound, 2 Conductor 10 AWG high str BC, LSZH
08-25-2023
4T01ULW BELDEN-4T01ULW Datasheet
174Kb / 2P
   Security & Sound, 3 Conductor 10 AWG BC, LSZH, Cca
12-20-2022
More results

Descripción similar - 4T08G-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com