Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SLA24C04-S-3 Datasheet(Hoja de datos) 6 Page - Siemens Semiconductor Group

No. de Pieza. SLA24C04-S-3
Descripción  4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Descarga  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo 

 6 page
background image
SLx 24C04
Semiconductor Group
6
1998-07-27
2
Description
The SLx 24C04 device is a serial electrically erasable and programmable read only
memory (EEPROM), organized as 512
× 8 bit. The data memory is divided into
32 pages. The 16 bytes of a page can be programmed simultaneously.
The device conforms to the specification of the 2-wire serial I
2C-Bus. Low voltage design
permits operation down to 2.7 V with low active and standby currents.
The device operates at 5.0 V
± 10% with a maximum clock frequency of 400 kHz and at
2.7 ... 4.5 V with a maximum clock frequency of 100 kHz. The device is available as 5 V
type (
V
CC = 4.5 … 5.5 V) with two temperature ranges for industrial and automotive
applications and as 3 V type (
V
CC = 2.7 … 5.5 V) for industrial applications. The
EEPROMs are mounted in eight-pin DIP and DSO packages or are also supplied as
chips.
Figure 2
Block Diagram
DEC
X
EEPROM
Y DEC
Dout/ACK
SDA
SCL
IEB02530
Logic
Stop
Start/
Control
Chip Address
Logic
H.V. Pump
Programming
Control
Control
Serial
Logic
Logic
Address
Page Logic
SS
V
CC
V
WP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SLX24C04P4 Kbit 512 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus Page Protection Mode 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C08168/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C0816P8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus Page Protection Mode 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C16416 Kbit 2048 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C164P16 Kbit 2048 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus Page Protection Mode 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C3232 Kbit 4096 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C6464 Kbit 8192 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
SLX24C011/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus 1 2 3 4 5 MoreSiemens Semiconductor Group
24C04CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
24C01CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl