Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE24C32-S Datasheet(PDF) 11 Page - Siemens Semiconductor Group

No. de pieza SLE24C32-S
Descripción Electrónicos  32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE24C32-S Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button SLE24C32-S Datasheet HTML 7Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 8Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 9Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 10Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 11Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 12Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 13Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 14Page - Siemens Semiconductor Group SLE24C32-S Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SLx 24C32
Semiconductor Group
11
Preliminary 1998-07-27
5
Write Operations
Changing of the EEPROM data is initiated by the master with the command byte CSW.
Either one byte (Byte Write) or up to 32 byte (Page Write) are modified in one
programming procedure. Setting the Write Protection pin WP to V
CC activates the
hardware write protection and therefore any programming is suppressed. For normal
operation WP has to be set to V
SS.
5.1
Byte Write
Figure 7
Byte Write Sequence
The erase/write cycle is finished latest after 8 ms. Acknowledge polling can be used for
speed enhancement in order to detect the end of the erase/write cycle. Please refer to
chapter 5.3, Acknowledge Polling for further information.
Address Setting
After a START condition the master transmits the Chip Select
Write byte CSW. The EEPROM acknowledges the CSW byte
during the ninth clock cycle. The following two bytes AHI/ALO
with the EEPROM address (A0 to A11) are loaded into the
address counter of the EEPROM and acknowledged by the
EEPROM.
Transmission of Data
Finally the master transmits the data byte which is also
acknowledged by the EEPROM into the internal buffer.
Programming Cycle
Then the master applies a STOP condition which starts the
internal programming procedure. The data bytes are written in
the memory location addressed in the bytes AHI (A8 to A11)
and ALO (A0 to A7). The programming procedure consists of
an internally timed erase/write cycle. In the first step, the
selected byte is erased to “1”. With the next internal step, the
addressed byte is written according to the contents of the
buffer.
Command Byte
CSW
S
P
C
K
A
C
K
A
S
T
A
R
T
T
P
O
S
EEPROM Address
AHI
Data Byte
Bus Activity
Master
SDA Line
Bus Activity
EEPROM
IED02518
C
K
A
0
EEPROM Address
ALO
C
K
A


Número de pieza similar - SLE24C32-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SLE24C01-D SIEMENS-SLE24C01-D Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C01-D/P SIEMENS-SLE24C01-D/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C01-S SIEMENS-SLE24C01-S Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C01-S/P SIEMENS-SLE24C01-S/P Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLE24C02-D SIEMENS-SLE24C02-D Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Descripción similar - SLE24C32-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com