Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A16 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A16
Descripción Electrónicos  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A16 Datasheet(HTML) 1 Page - Texas Instruments

  TPS7A16 Datasheet HTML 1Page - Texas Instruments TPS7A16 Datasheet HTML 2Page - Texas Instruments TPS7A16 Datasheet HTML 3Page - Texas Instruments TPS7A16 Datasheet HTML 4Page - Texas Instruments TPS7A16 Datasheet HTML 5Page - Texas Instruments TPS7A16 Datasheet HTML 6Page - Texas Instruments TPS7A16 Datasheet HTML 7Page - Texas Instruments TPS7A16 Datasheet HTML 8Page - Texas Instruments TPS7A16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS7A16xx
OUT
GND
C
IN
IN
EN
V
IN
V
OUT
V
EN
R
PG
DELAY
C
DELAY
PG
C
OUT
V
PG
mC1
IO1
IO2
IO3
mC2
EN
VCC
12V
60V
t
V
IN
2
1
3
4
7
8
6
5
FB/DNC
PG
GND
OUT
EN
NC
DELAY
IN
DGNPACKAGE
3mm
5mmMSOP-8PowerPAD
(TOPVIEW)
´
TPS7A16
www.ti.com
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
60-V, 5-
µA IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
with Enable and Power-Good
Check for Samples: TPS7A16
1
FEATURES
DESCRIPTION
The TPS7A16 family of ultra-low power, low-dropout
23
Wide Input Voltage Range: 3 V to 60 V
(LDO) voltage regulators offers the benefits of
Ultralow Quiescent Current: 5
µA
ultra-low quiescent current, high input voltage and
Quiescent Current at Shutdown: 1
µA
miniaturized, high thermal-performance packaging.
Output Current: 100 mA
The TPS7A16 family is designed for continuous or
Low Dropout Voltage: 60 mV at 20 mA
sporadic
(power
backup)
battery-powered
applications where ultra-low quiescent current is
Accuracy: 2%
critical to extending system battery life.
Available in:
The TPS7A16 family offers an enable pin (EN)
– Fixed Output Voltage: 3.3 V, 5.0 V
compatible
with
standard
CMOS
logic
and
an
– Adjustable Version from ~1.2 V to 18.5 V
integrated open drain active-high power good output
Power Good with Programable Delay
(PG) with a user-programmable delay. These pins are
intended
for
use
in
microcontroller-based,
Current-Limit and Thermal Shutdown
battery-powered
applications
where
power-rail
Protections
sequencing is required.
Stable with Ceramic Output Capactors:
In addition, the TPS7A16 is ideal for generating a
≥ 2.2 µF
low-voltage supply from multicell solutions ranging
Package: High Thermal Performance MSOP-8
from high cell-count power-tool packs to automotive
PowerPAD
applications; not only can this device supply a
Operating Temperature Range:
well-regulated voltage rail, but it can also withstand
–40°C to +125°C
and maintain regulation during voltage transients.
These
features
translate
to
simpler
and
more
cost-effective, electrical surge-protection circuitry.
APPLICATIONS
High Cell-Count Battery Packs for Power Tools
and other Battery-Powered Microprocessor
and Microcontroller Systems
Car Audio, Navigation, Infotainment, and Other
Automotive Systems
Power Supplies for Notebook PCs, Digital TVs,
and Private LAN Systems
Smoke/CO2 Detectors and Battery-Powered
Alarm/Security Systems
Low Power Microcontroller Rail Sequencing in
Automotive Applications Subject to Load Dump
Transient
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS7A16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A16 TI-TPS7A16 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16-Q1 TI1-TPS7A16-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Descripción similar - TPS7A16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
logo
ON Semiconductor
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
logo
Texas Instruments
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com