Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A1601DGNT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A1601DGNT
Descripción Electrónicos  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1601DGNT Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A1601DGNT Datasheet HTML 1Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 2Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 3Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 4Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 5Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 6Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 7Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 8Page - Texas Instruments TPS7A1601DGNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS7A16
www.ti.com
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 0.5 V or VIN = 3.0 V (whichever is greater), VEN = VIN, IOUT = 10 µA, CIN = 1 μF, COUT = 2.2 μF,
and FB tied to OUT, unless otherwise noted.
TPS7A1601
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
3
60
V
VREF
Internal reference
TJ = +25°C, VFB = VREF, VIN = 3 V, IOUT = 10 μA
1.169
1.193
1.217
V
VUVLO
Undervoltage lockout threshold
2.7
V
Output voltage range
VIN ≥ VOUT(NOM) + 0.5 V
VREF
18.5
V
Nominal accuracy
TJ = +25°C, VIN = 3 V, IOUT = 10 μA
–2.0%
+2.0%
VOUT
VOUT
VOUT(NOM) + 0.5 V ≤ VIN ≤ 60 V
(1)
Overall accuracy
–2.0%
+2.0%
VOUT
10
µA ≤ IOUT ≤ 100 mA
ΔVO(ΔVI)
Line regulation
3 V
≤ VIN ≤ 60 V
±1.0%
VOUT
ΔVO(ΔIO)
Load regulation
10
µA ≤ IOUT ≤ 100 mA
±1.0%
VOUT
VIN = 4.5 V, VOUT(NOM) = 5 V, IOUT = 20 mA
60
mV
VDO
Dropout voltage
VIN = 4.5 V, VOUT(NOM) = 5 V, IOUT = 100 mA
265
500
mV
ILIM
Current limit
VOUT = 90% VOUT(NOM), VIN = 3.0 V
101
225
400
mA
3 V
≤ VIN ≤ 60 V, IOUT = 10 µA
5.0
15
μA
IGND
Ground current
IOUT = 100 mA
5.0
μA
ISHDN
Shutdown supply current
VEN = +0.4 V
0.59
5.0
μA
I FB
Feedback current(2)
–1.0
0.0
1.0
µA
IEN
Enable current
3 V
≤ VIN ≤ 12 V, VIN = VEN
–1.0
0.01
1.0
μA
VEN_HI
Enable high-level voltage
1.2
V
VEN_LO
Enable low- level voltage
0.3
V
OUT pin floating, VFB increasing, VIN ≥ VIN_MIN
85%
95%
VOUT
VIT
PG trip threshold
OUT pin floating, VFB decreasing, VIN ≥ VIN_MIN
83%
93%
VOUT
VHYS
PG trip hysteresis
2.3%
4%
VOUT
VPG, LO
PG output low voltage
OUT pin floating, VFB = 80% VREF, IPG= 1mA
0.4
V
IPG, LKG
PG leakage current
VPG= VOUT(NOM)
–1.0
1.0
μA
IDELAY
DELAY pin current
1.0
2.0
μA
VIN = 3 V, VOUT(NOM) = VREF, COUT = 10 μF,
PSRR
Power-supply rejection ratio
50
dB
f = 100 Hz
Shutdown, temperature increasing
+170
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+150
°C
Operating junction temperature
TJ
–40
+125
°C
range
(1)
Maximum input voltage is limited to 24 V because of the package power dissipation limitations at full load (P
≈ (VIN – VOUT) × IOUT =
(24 V
– VREF) × 50 mA ≈ 1.14 W). The device is capable of sourcing a maximum current of 50 mA at higher input voltages as long as
the power dissipated is within the thermal limits of the package plus any external heatsinking.
(2)
IFB > 0 flows out of the device.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A16


Número de pieza similar - TPS7A1601DGNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601DGNT TI1-TPS7A1601DGNT Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1601DGNT TI-TPS7A1601DGNT Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
More results

Descripción similar - TPS7A1601DGNT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
logo
ON Semiconductor
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
logo
Texas Instruments
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com