Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS7A1633DGNT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS7A1633DGNT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 22 page TPS7A16 SBVS171A – DECEMBER 2011 – REVISED DECEMBER 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) PRODUCT VOUT TPS7A16xx yyy z XX is nominal output voltage ( 01 = Adjustable, 33 = 3.3 V, 50 = 5.0 V)(2) YYY is package designator. Z is package quantity. (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the device product folder on www.ti.com. (2) Additional output voltage options are available. Minimum-order quantities may apply; contact your sales representative for details. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range –40°C ≤ TJ ≤ +125°C (unless otherwise noted). VALUE MIN MAX UNIT IN pin to GND pin –0.3 +62 V OUT pin to GND pin –0.3 +20 V OUT pin to IN pin –62 +0.3 V FB pin to GND pin –0.3 +3 V Voltage FB pin to IN pin –62 +0.3 V EN pin to IN pin –62 0.3 V EN pin to GND pin –0.3 +62 V PG pin to GND pin –0.3 +5.5 V DELAY pin to GND pin –0.3 +5.5 V Current Peak output Internally limited Operating virtual junction, TJ, absolute maximum range (2) –40 +150 °C Temperature Storage, Tstg –65 +150 °C Human body model (HBM) 2 kV Electrostatic discharge rating Charged device model (CDM) 500 V (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-maximum rated conditions for extended periods may affect device reliability. (2) No permanent damage will occur to the part operating within this range though electrical performance is not guaranteed outside the operating free-air temperature range. THERMAL INFORMATION TPS7A1601 THERMAL METRIC(1) DGN UNITS 8 PINS θJA Junction-to-ambient thermal resistance 66.2 θJC(top) Junction-to-case(top) thermal resistance 45.9 θJB Junction-to-board thermal resistance 34.6 °C/W ψJT Junction-to-top characterization parameter 1.9 ψJB Junction-to-board characterization parameter 34.3 θJC(bottom) Junction-to-case(bottom) thermal resistance 14.9 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. 2 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): TPS7A16 |
Número de pieza similar - TPS7A1633DGNT |
|
Descripción similar - TPS7A1633DGNT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |