Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A7100RGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A7100RGTR
Descripción Electrónicos  1-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A7100RGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A7100RGTR Datasheet HTML 6Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 7Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 8Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 9Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 10Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 11Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 12Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 13Page - Texas Instruments TPS7A7100RGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0.01
0.1
1
10
10
100
1k
10k
100k
Frequency (Hz)
VOUT(TARGET) = 0.9 V
VOUT(TARGET) = 1.2 V
VOUT(TARGET) = 3.3 V
VIN = VOUT(TARGET) + 0.3 V
IOUT = 1 A
100 Hz to 100 kHz RMS Noise
0.9 V: 36.26 µVRMS
1.2 V: 39.57 µVRMS
3.3 V: 84.67 µVRMS
G060
0.01
0.1
1
10
10
100
1k
10k
100k
Frequency (Hz)
CSS = 100nF, COUT = 100µF
CSS = 100nF, COUT = 10µF
CSS = 10nF, COUT = 100µF
CSS = 10nF, COUT = 10µF
CSS = 1nF,
COUT = 100µF
CSS = 1nF,
COUT = 10µF
VIN = 1.8 V,IOUT = 1 A
VOUT(TARGET) = 1.5 V
200mV, 800mV pins to GND
50mV, 100mV, 400mV, 1.6V pins open
G063
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VIN=3.6V, IOUT=100mA
VIN=3.6V, IOUT=1A
VIN=3.8V, IOUT=100mA
VIN=3.8V, IOUT=1A
VOUT(TARGET) = 3.3 V
400mV, 800mV, 1.6V pins to GND
50mV, 100mV, 200mV pins open
G070
TPS7A7100
SBVS189C – MARCH 2012 – REVISED MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = VOUT(TARGET) + 0.3 V, IOUT = 25 mA, V(EN) = VIN, CIN = 10 μF, COUT = 10 μF, C(SS) = 10 nF, and the PG pin
pulled up to VIN with 100-kΩ pull-up resistor, unless otherwise noted.
NOISE SPECTRAL DENSITY BY OUTPUT VOLTAGE
NOISE SPECTRAL DENSITY BY EXTERNAL CAPACITORS
Figure 20.
Figure 21.
POWER-SUPPLY RIPPLE REJECTION
vs FREQUENCY
Figure 22.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Número de pieza similar - TPS7A7100RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results

Descripción similar - TPS7A7100RGTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com