Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS782XX Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS782XX
Descripción Electrónicos  500nA, IQ 150mA, Ultra-Low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS782XX Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS782XX Datasheet HTML 3Page - Texas Instruments TPS782XX Datasheet HTML 4Page - Texas Instruments TPS782XX Datasheet HTML 5Page - Texas Instruments TPS782XX Datasheet HTML 6Page - Texas Instruments TPS782XX Datasheet HTML 7Page - Texas Instruments TPS782XX Datasheet HTML 8Page - Texas Instruments TPS782XX Datasheet HTML 9Page - Texas Instruments TPS782XX Datasheet HTML 10Page - Texas Instruments TPS782XX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
300
290
280
270
260
250
240
230
220
210
200
T
J =+125°C
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
-40 -25 -10
125
110
95
80
65
50
35
20
5
T ( C)
°
J
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
V
On
EN
V
Off
EN
-40 -25 -10
125
110
95
80
65
50
35
20
5
T
J ( C)
°
1
0
-1
-2
150mA
0.1mA
5mA
TPS782xx
www.ti.com
SBVS115B – AUGUST 2008 – REVISED MAY 2010
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is
greater; IOUT = 100mA, VEN = VIN, COUT = 1mF, and CIN = 1mF, unless otherwise noted.
CURRENT LIMIT vs INPUT VOLTAGE
ENABLE PIN CURRENT vs INPUT VOLTAGE
VOUT = 95% VOUT (typ), VOUT = 2.7V (typ)
IOUT = 100mA, VOUT = 2.7V
TPS78227
TPS78227
Figure 9.
Figure 10.
%
ΔVOUT vs JUNCTION TEMPERATURE
ENABLE PIN HYSTERESIS vs JUNCTION TEMPERATURE
VIN = 3.3V, VOUT = 2.7V (typ)
IOUT = 1mA, TPS78227
TPS78227
Figure 11.
Figure 12.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Número de pieza similar - TPS782XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results

Descripción similar - TPS782XX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com