Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A7200RGWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7A7200RGWR
Descripción Electrónicos  2-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A7200RGWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A7200RGWR Datasheet HTML 5Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 6Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 7Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 8Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 9Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 10Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 11Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 12Page - Texas Instruments TPS7A7200RGWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
0
1
2
3
4
5
0
0.5
1
1.5
2
Output Current (A)
− 40°C
0°C
25°C
85°C
105°C
125°C
VIN = 1.8 V
VOUT(TARGET) = 1.5 V
200mV, 800mV pins to GND
50mV, 100mV, 200mV, 400mV
pins open
G030
0
1
2
3
4
5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
− 40°C
0°C
25°C
85°C
105°C
125°C
IOUT = 25 mA
VOUT(TARGET) = 0.9 V
400mV pin to GND; 50mV, 100mV
200mV, 800mV, 1.6V pins open
G033
0
1
2
3
4
5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
Input Voltage (V)
− 40°C
0°C
25°C
85°C
105°C
125°C
EN = GND
50−
Ω resistor between OUT and GND
G032
0
1
2
3
4
0
0.5
1
1.5
2
2.5
3
3.5
Forced Output Voltage (V)
VIN = 4 V
VOUT(TARGET) = 3.5 V
200mV, 400mV, 800mV, 1.6V pins to GND
50mV, 100mV pins open
G041
84
85
86
87
88
89
90
91
92
93
94
95
96
−50
−25
0
25
50
75
100
125
Temperature (°C)
VIN=1.5V
VIN=6.5V
VOUT(TARGET) = 1.2 V
100mV, 200mV, 400mV pins to GND
50mV, 800mV, 1.6V pins open
50−
Ω resistor between OUT and GND
G050
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
Forced PG Pin Current (mA)
VIN = 1.5 V,− 40 °C
VIN = 1.5 V,25 °C
VIN = 1.5 V,125 °C
VIN = 6.5 V,− 40 °C
VIN = 1.5 V,25 °C
VIN = 1.5 V,125 °C
Spec limit defined at 1−mA.
VOUT(TARGET) = 1.2 V
100mV, 200mV, 400mV
pins to GND
50mV, 800mV, 1.6V
pins open
50−
Ω resistor
from OUT to GND
G051
TPS7A7200
www.ti.com
SBVS136C – MARCH 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = VOUT(TARGET) + 0.3 V, IOUT = 25 mA, V(EN) = VIN, CIN = 10 μF, COUT = 10 μF, C(SS) = 10 nF, and the PG pin
pulled up to VIN with 100-kΩ pull-up resistor, unless otherwise noted.
GND PIN CURRENT vs OUTPUT CURRENT
GND PIN CURRENT vs INPUT VOLTAGE
Figure 14.
Figure 15.
GND PIN CURRENT IN SHUTDOWN
CURRENT LIMIT
vs TEMPERATURE
vs OUTPUT VOLTAGE (Foldback)
Figure 16.
Figure 17.
POWER-GOOD THRESHOLD VOLTAGE
vs TEMPERATURE
POWER-GOOD PIN DRIVE CAPABILITY
Figure 18.
Figure 19.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - TPS7A7200RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A7200RGWR TI1-TPS7A7200RGWR Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
More results

Descripción similar - TPS7A7200RGWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7100 TI1-TPS7A7100 Datasheet
1Mb / 29P
[Old version datasheet]   1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS75201M-EP TI1-TPS75201M-EP Datasheet
868Kb / 30P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com