Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2543RTET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2543RTET
Descripción Electrónicos  USB Charging Port Controller and Power Switch with Load Detection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543RTET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2543RTET Datasheet HTML 6Page - Texas Instruments TPS2543RTET Datasheet HTML 7Page - Texas Instruments TPS2543RTET Datasheet HTML 8Page - Texas Instruments TPS2543RTET Datasheet HTML 9Page - Texas Instruments TPS2543RTET Datasheet HTML 10Page - Texas Instruments TPS2543RTET Datasheet HTML 11Page - Texas Instruments TPS2543RTET Datasheet HTML 12Page - Texas Instruments TPS2543RTET Datasheet HTML 13Page - Texas Instruments TPS2543RTET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
G013
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Time (ns)
G014
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Time (ns)
600
620
640
660
680
700
720
740
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
IOS - OUT Short Circuit Current Limit
ILD - IOUT Rising Load Detect Threshold
RILIM_LO = 80.6 kΩ
G015
200
205
210
215
220
225
230
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
G016
TPS2543
SLVSBA6 – FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EYE DIAGRAM USING USB COMPLIANCE TEST PATTERN
EYE DIAGRAM USING USB COMPLIANCE TEST PATTERN
(with no switch)
(with data switch)
Figure 13.
Figure 14.
IOUT RISING LOAD DETECT THRESHOLD
AND OUT SHORT CIRCUIT CURRENT LIMIT
LOAD DETECT SET TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2543


Número de pieza similar - TPS2543RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTERQ1 TI1-TPS2543QRTERQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543QRTETQ1 TI1-TPS2543QRTETQ1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Descripción similar - TPS2543RTET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com