Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22985YFP Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS22985YFP
Descripción Electrónicos  Thunderbolt??SUPPLY SELECTION IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22985YFP Datasheet(HTML) 5 Page - Texas Instruments

  TPS22985YFP Datasheet HTML 1Page - Texas Instruments TPS22985YFP Datasheet HTML 2Page - Texas Instruments TPS22985YFP Datasheet HTML 3Page - Texas Instruments TPS22985YFP Datasheet HTML 4Page - Texas Instruments TPS22985YFP Datasheet HTML 5Page - Texas Instruments TPS22985YFP Datasheet HTML 6Page - Texas Instruments TPS22985YFP Datasheet HTML 7Page - Texas Instruments TPS22985YFP Datasheet HTML 8Page - Texas Instruments TPS22985YFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS22985
www.ti.com
SLVSBA9B – MARCH 2012 – REVISED JUNE 2012
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for VDD = 3.3V and TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
TSD
Shutdown temperature
110
130
°C
TSDHYST
Shutdown hysteresis
15
°C
TRANSITION TIMING
td
UVLO to FETn open time
200
µs
COUTB = 4 µF,
te
UVLO to FETn closed time
2
ms
COUTA = 1 µF
tdh
HVLO to FETn open time
20
µs
See The Supply Switch-Over During HVLO
teh
HVLO to FETn closed time
Section
TRANSITION TIMING (NORMAL MODE)
teb
ENB to FET3/4 closed time
2
ms
COUTB = 4 µF,
COUTA = 1 µF
tdb
ENB to FET3/4 open time
200
µs
TRANSITION TIMING (CONTROL MODE)
tU2R
UVLO to RESETZ time
5
6
7
ms
tE2R
ENB to RESETZ time
2
10
µs
COUTB = 4 µF,
tE2O
ENB to FET3/4 open time
100
200
µs
COUTA = 1 µF
COUTB = 4 µF,
tRX2O
RX to FET3/4 closed time
0.8
2
ms
COUTA = 1 µF
tRX2R
RX to RESETZ Time
5
6
7
ms
tOE2TX
OE to TXH Valid Time
20
µs
tOE2TXZ
OE to TXH Hi-Z Time
20
µs
TXC/TXH I/O (CONTROL MODE)
VIH
TXC Input logic high
2
V
VIL
TXC Input logic low
0.8
V
VOH
TXH Output logic high
2.25
V
VOL
TXH Output logic low
0.4
V
TR / TF
TXH Rise and fall time
10-90% CL = 20 pF
5
70
ns
ZO
TXH Output impedance
35
Ω
fMAX
TX Input signal frequency
1
Mb/s
DC
TX Duty cycle
40%
60%
RXC/RXH I/O (CONTROL MODE)
VIH
RXH Input logic high
2
V
VIL
RXH Input logic low
0.8
V
VOH
RXC Output logic high
2.25
V
VOL
RXC Output logic low
0.4
V
TR / TF
RXC Rise and fall time
10-90% CL = 20 pF
20
120
ns
fMAX
RX Input signal frequency
1
Mb/s
DC
RX Duty cycle
40%
60%
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22985


Número de pieza similar - TPS22985YFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
[Old version datasheet]   3.3V TO 18V MUX with Overcurrent Limit
TPS22980RGPR TI1-TPS22980RGPR Datasheet
739Kb / 18P
[Old version datasheet]   3.3V TO 18V MUX with Overcurrent Limit
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
[Old version datasheet]   Thunderbolt Power Mux
TPS22981RGPR TI-TPS22981RGPR Datasheet
432Kb / 19P
[Old version datasheet]   3.3V to 18V Thunderbolt Power Mux
More results

Descripción similar - TPS22985YFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22986 TI-TPS22986 Datasheet
239Kb / 22P
[Old version datasheet]   Thunderbolt Supply Selection IC
logo
Toshiba Semiconductor
TC9167P TOSHIBA-TC9167P Datasheet
744Kb / 11P
   TAPE RECORDED MUSIC AUTOMATIC SELECTING IC (9 MUSIC SELECTION)
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com