Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2060CDGN Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2060CDGN
Descripción Electrónicos  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2060CDGN Datasheet(HTML) 3 Page - Texas Instruments

  TPS2060CDGN Datasheet HTML 1Page - Texas Instruments TPS2060CDGN Datasheet HTML 2Page - Texas Instruments TPS2060CDGN Datasheet HTML 3Page - Texas Instruments TPS2060CDGN Datasheet HTML 4Page - Texas Instruments TPS2060CDGN Datasheet HTML 5Page - Texas Instruments TPS2060CDGN Datasheet HTML 6Page - Texas Instruments TPS2060CDGN Datasheet HTML 7Page - Texas Instruments TPS2060CDGN Datasheet HTML 8Page - Texas Instruments TPS2060CDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
www.ti.com
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Input voltage, IN
4.5
5.5
V
VEnable
Input voltage, ENx or ENx
0
5.5
TPS2062C and 66C
1
IOUTx
Continuous ouput current, OUTx
TPS2060C and 64C
1.5
A
TPS2002C and 03C
2
TJ
Operating junction temperature
–40
125
°C
IFLTx
Sink current into FLTx
0
5
mA
ELECTRICAL CHARACTERISTICS
(1) (2)
TJ = TA = 25°C,VIN = 5 V, VENx = VIN or VENx = 0V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
TPS2062C and 66C (1 A)
DGN
70
84
TPS2062C and 66C (1 A),
DGN
70
95
–40°C
≤ (TJ, TA ) ≤ 85°C
TPS2062C and 66C (1 A)
D
90
108
TPS2062C and 66C (1 A),
D
90
122
rDS(on)
On-resistance
m
Ω
–40°C
≤ (TJ, TA ) ≤ 85°C
TPS2060C and 64C (1.5 A)
70
84
TPS2060C and 64C (1.5 A), –40°C
≤ (TJ, TA ) ≤ 85°C
70
95
TPS2002C and 03C (2 A)
70
84
TPS2002C and 03C (2 A), –40°C
≤ (TJ, TA ) ≤ 85°C
70
95
CURRENT LIMIT
TPS2062C and 66C (1 A)
1.28
1.61
1.94
IOS
Current limit, See Figure 7
TPS2060C and 64C (1.5 A)
1.83
2.29
2.75
A
TPS2002C and 03C (2 A)
2.43
2.96
3.49
VIN = 5 V (see Figure 6),
One-half full load
→ R(SHORT) = 50 mΩ, Measure from
tIOS
Short-circuit response time
2
µs
application to when current falls below 120% of final
value
SUPPLY CURRENT
ISD
Supply current, device disabled
I(OUTx) = 0 mA
0.01
1
IS1E
Supply current, single switch enabled I(OUTx) = 0 mA
60
75
µA
Supply current, both switches
IS2E
I(OUTx) = 0 mA
100
120
enabled
ILKG
Reverse leakage current
VOUT = 5.5 V, VIN = 0 V, measured IOUTx
0.15
1
OUTPUT DISCHARGE
RPD
Output pull-down resistance(2)
VIN = V(OUTx) = 5 V, disabled
400
470
600
(1)
Pulsed testing techniques maintain junction temperature approximately equal to ambient temperature
(2)
These parameters are provided for reference only, and do not constitute part of TI’s published device specifications for purposes of TI’s
product warranty.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Número de pieza similar - TPS2060CDGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2060CDGN TI1-TPS2060CDGN Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2060CDGNR TI1-TPS2060CDGNR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Descripción similar - TPS2060CDGN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com