Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71523DCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS71523DCKR
Descripción  50 mA, 24 V, 3.2-mA Supply Current
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71523DCKR Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TYPICAL CHARACTERISTICS
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
IO − Output Current − mA
VIN = 4.3 V
COUT = 1 µF
TJ = 25°C
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
VIN = 4.3 V
COUT = 1 µF
IOUT = 50 mA
IOUT = 1 mA
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 µF
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.2 V
COUT = 1 µF
IOUT − Output Current − mA
0
0.1
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1
0
3
6
9
12
15
VIN − Input Voltage − V
IOUT = 50 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
0.3
TJ − Junction Temperature − °C
−40
5
−25
20 35
65
110 125
50
−10
80 95
VIN = 3.2 V
IOUT = 50 mA
IOUT = 10 mA
0
100
200
300
400
500
600
f − Frequency − Hz
0
80
50
10
70
20
30
60
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
40
90
100
TPS715xx
www.ti.com .................................................................................................................................................... SLVS338P – MAY 2001 – REVISED NOVEMBER 2008
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Figure 5.
OUTPUT SPECTRAL
NOISE DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT CURRENT
Figure 6.
Figure 7.
Figure 8.
TPS71501
POWER-SUPPLY
DROPOUT VOLTAGE
DROPOUT VOLTAGE
RIPPLE REJECTION
vs
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn