Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51650 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51650
Descripción Electrónicos  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51650 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51650 Datasheet HTML 5Page - Texas Instruments TPS51650 Datasheet HTML 6Page - Texas Instruments TPS51650 Datasheet HTML 7Page - Texas Instruments TPS51650 Datasheet HTML 8Page - Texas Instruments TPS51650 Datasheet HTML 9Page - Texas Instruments TPS51650 Datasheet HTML 10Page - Texas Instruments TPS51650 Datasheet HTML 11Page - Texas Instruments TPS51650 Datasheet HTML 12Page - Texas Instruments TPS51650 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
TPS51650, TPS59650
www.ti.com
SLUSAV7
– JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVERS: HIGH-SIDE, LOW-SIDE, CROSS CONDUCTION PREVENTION AND BOOST RECTIFIER
(VCBSTx – VCSWx) = 5 V, ‘HI’ state,
1.2
2.5
(VVBST – VVDRVH) = 0.25 V
RDRVH
DRVH On-resistance
Ω
(VCBSTx – VCSWx) = 5 V, ‘LO’ state,
0.8
2.5
(VDRVH – VCSWx) = 0.25 V
VCDHx = 2.5 V, (VCBSTx – VCSWx) = 5 V, Source
2.2
A
IDRVH
DRVH sink/source current(6)
VCDHx = 2.5 V, (VCBSTx – VCSWx) = 5 V, Sink
2.2
A
15
40
ns
tDRVH
DRVH transition time
CDHx 10% to 90% or 90% to 10%, CCDHx = 3 nF
15
40
ns
‘HI’ State, (VV5DRV – VVDRVL) = 0.25 V
0.9
2
RDRVL
DRVL ON resistance
Ω
‘LO’ State, (VVDRVL – VPGND)= 0.2 V
0.4
1
VCDLx = 2.5 V, Source
2.7
A
IDRVL
DRVL sink/source current(6)
VCDLx = 2.5 V, Sink
6
A
VCDLx 90% to 10%, CCDLx = 3 nF
15
40
tDRVL
DRVL transition time
ns
VCDLx 10% to 90%, CCDLx = 3 nF
15
40
VCSWx falls to 1 V to VCDLx rises to 1 V
8
25
tNONOVLP
Driver non overlap time
ns
CDLx falls to 1 V to CDHx rises to 1 V
8
25
RDS(on)
BST on-resistance
(VV5DRV – VVBST), IF = 5 mA
5
10
22
Ω
IBSTLK
BST switch leakage current
VVBST = 34 V, VCSWx= 28 V
0.1
1
µA
PWM and SKIP OUTPUT: I/O Voltage and Current
VPWML
xPWMy output low level
0.3
V
VPWMH
xPWMy output high level
4.2
V
VSKIPL
xSKIP low-level output voltage
0.3
V
VSKIPH
xSKIP high-level output voltage
4.2
V
VPW(leak)
xPWM leakage
Tri-state, VxPWMx = 5 V
0.1
µA
(6)
Specified by design. Not production tested.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9


Número de pieza similar - TPS51650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650RSLR TI1-TPS51650RSLR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650RSLT TI1-TPS51650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Descripción similar - TPS51650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Texas Instruments
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com