Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51650 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51650
Descripción Electrónicos  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51650 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51650 Datasheet HTML 7Page - Texas Instruments TPS51650 Datasheet HTML 8Page - Texas Instruments TPS51650 Datasheet HTML 9Page - Texas Instruments TPS51650 Datasheet HTML 10Page - Texas Instruments TPS51650 Datasheet HTML 11Page - Texas Instruments TPS51650 Datasheet HTML 12Page - Texas Instruments TPS51650 Datasheet HTML 13Page - Texas Instruments TPS51650 Datasheet HTML 14Page - Texas Instruments TPS51650 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
TPS51650, TPS59650
www.ti.com
SLUSAV7
– JANUARY 2012
PIN
I/O
DESCRIPTION
NAME
NO.
Voltage divider to VREF. A resistor to GND sets the operating frequency of the CPU converter. The voltage level
CF-IMAX
3
I
sets the maximum operating current of the CPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF ×
IMAX / 255. Both are latched at start-up.
Voltage sense return tied for the CPU converter. Tie to GND with a 10-
Ω resistor to close feedback when the
CGFB
12
I
microprocessor is not in the socket.
Resistor to GND (RCOCP) selects 1 of 8 OCP levels (per phase, latched at start-up) of the CPU converter. Also,
COCP-R
2
I
voltage on this pin sets 1 of 8 USR/OSR levels for CPU converter.
CPGOOD
17
O
IMVP-7_PWRGD output for the CPU converter. Open-drain.
CSW1
45
I/O
Top N-channel FET gate drive return for CPU phase 1.
CSW2
40
I/O
Top N-channel FET gate drive return for CPU phase 2.
CPWM3
36
O
PWM control for the external driver, 5V logic level.
Thermal sensor connection for the CPU converter. A resistor connected to VREF forms a divider with an NTC
CTHERM
1
I/O
thermistor connected to GND.
Voltage sense line tied directly to VCORE of the CPU converter. Tie to VCORE with a 10-Ω resistor to close
CVFB
11
I
feedback when
µP is not in the socket. The soft-stop transistor is on this pin
GCOMP
27
O
Output of gM error amplifier for the GPU converter. A resistor to VREF sets the droop gain.
GCSN1
28
I
Negative current sense input for the GPU converter. Connect to the most negative node of current sense resistor
or inductor DCR sense network.
GCSN2
31
I
GCSP1
29
I
Positive current sense input for the GPU converter. Connect to the most positive node of current sense resistor
or inductor DCR sense network. Tie GCSP2 to V3R3 to disable the phase. Tie GCSP1 and GCSP2 to V3R3 to
GCSP2
30
I
disable completely the GPU converter.
Voltage sense return tied for the GPU converter. Tie to GND with a 10-
Ω resistor to close feedback when the
GGFB
25
I
microprocessor is not in the socket.
24
I
Voltage divider to VREF. R to GND sets the operating frequency of the GPU converter. The voltage level sets
GF-IMAX
the maximum operating current of the GPU converter. The IMAX value is an 8-bit A/D where VIMAX = VREF ×
IMAX / 255. Both are latched at start-up.
13
I
Resistor to GND (RGOCP) selects 1 of 8 OCP levels (per phase, latched at start-up) of the GPU converter. Also,
GOCP-R
voltage on this pin sets 1 of 8 USR/OSR levels for GPU converter.
GPGOOD
23
O
IMVP-7_PWRGD output for the GPU converter. Open-drain.
GPWM1
34
O
PWM control input for the external driver for the two phases of GPU channel (5-V logic level).
GPWM2
35
O
33
O
Skip mode control of the external driver for the GPU converter; 5-V logic level. Logic HI = FCCM; LO = SKIP. A
GSKIP
defined voltage level on this pin at start-up can turn OSR OFF or USR OFF.
32
I/O
Thermal sensor input for the GPU converter. A resistor connected to VREF forms a divider with an NTC
GTHERM
thermistor connected to GND.
26
I
Voltage sense line tied directly to VGFX of the GPU converter. Tie to VGFX with a 10-Ω resistor to close feedback
GVFB
when the microprocessor is not in the socket. The soft-stop transistor is on this pin
PGND
42
Synchronous N-channel FET gate drive return.
22
I
The voltage at start-up sets 1 of 7 slew rates for both converters. The SLOW rate is SLEWRATE/4. Soft-start
SLEWA
and soft-stop rates are SLEWRATE/8. This value is latched at start-up. For TPS59650, the resistor to GND sets
the base SVID address.
48
I
5-V power input for analog circuits; connect through resistor to 5-V plane and bypass to GND with
≥1 µF ceramic
V5
capacitor
43
I
Power input for the gate drivers; connected with an external resistor to V5F; decouple with a
≥2.2 µF ceramic
V5DRV
capacitor.
V3R3
15
I
3.3-V power input; bypass to GND with
≥1 µF ceramic cap.
37
I
Provides VBAT information to the on-time circuits for both converters. A 10-k
Ω series resistor protects the
VBAT
adjacent pins from inadvertent shorts due to solder bridges or mis-probing during test.
VCLK
18
I
SVID clock. 1-V logic level.
VDIO
20
I/O
SVID digital I/O line. 1-V logic level.
VREF
14
O
1.7-V, 500-
µA reference. Bypass to GND with a 0.22-µF ceramic capacitor.
VR_ON
16
I
IMVP-7 VR enable; 1V I/O level; 100-ns de-bounce. Regulator enters controlled soft-stop when brought low.
21
O
IMVP-7 thermal flag open drain output
– active low. Typically pulled up to 1-V logic level through 56 Ω. Fall time
VR_HOT
< 100 ns. 1-ms de-glitch using consecutive 1-ms samples.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11


Número de pieza similar - TPS51650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650RSLR TI1-TPS51650RSLR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650RSLT TI1-TPS51650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Descripción similar - TPS51650

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Texas Instruments
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com