Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61187RTJR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61187RTJR
Descripción Electrónicos  WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61187RTJR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61187RTJR Datasheet HTML 7Page - Texas Instruments TPS61187RTJR Datasheet HTML 8Page - Texas Instruments TPS61187RTJR Datasheet HTML 9Page - Texas Instruments TPS61187RTJR Datasheet HTML 10Page - Texas Instruments TPS61187RTJR Datasheet HTML 11Page - Texas Instruments TPS61187RTJR Datasheet HTML 12Page - Texas Instruments TPS61187RTJR Datasheet HTML 13Page - Texas Instruments TPS61187RTJR Datasheet HTML 14Page - Texas Instruments TPS61187RTJR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
´
ISETH
FB
ISET
ISETH
V
I
=
K
R
8
DIM
FPWM
1.818
10
F
=
R
´
TPS61187
www.ti.com
SLVSA85D – JUNE 2010 – REVISED FEBRUARY 2012
LED CURRENT SINKS
The six current sink regulators embedded in the TPS61187 can be collectively configured to provide up to a
maximum of 30 mA each. These six specialized current sinks are accurate to within ±2% max for currents at 20
mA, with a string-to-string difference of ±1.5% typical.
The IFB current must be programmed to the highest WLED current expected using the ISETH pin resistor and
Equation 2.
(2)
Where:
KISET = 980 (current multiple)
VISETH = 1.229V (ISETH pin voltage)
RISETH = ISETH pin resistor
ENABLE AND STARTUP
The internal regulator which provides VDDIO wakes up as soon as VIN is applied even when EN is low. This
allows the IC to start when EN is tied to the VDDIO pin. VDDIO does not come to full regulation until EN is high.
The TPS61187 checks the status of all current feedback channels and shuts down any unused feedback
channels. It is recommended to short the unused channels to ground for faster startup.
After the device is enabled, if the PWM pin is left floating, the output voltage of the TPS61187 regulates to the
minimum output voltage. Once the IC detects a voltage on the PWM pin, the TPS61187 begins to regulate the
IFB pin current, as pre-set per the ISETH pin resistor, according to the duty cycle of the signal on the PWM pin.
The boost converter output voltage rises to the appropriate level to accommodate the sum of the white LED
string with the highest forward voltage drops plus the headroom of the current sink at that current.
Pulling the EN pin low shuts down the IC, resulting in the IC consuming less than 11 µA in shutdown mode.
IFB PIN UNUSED
The TPS61187 has open/short string detection. For an unused IFB string, simply short it to ground or leave it
open. Shorting unused IFB pins to ground for faster startup is recommended.
BRIGHTNESS DIMMING CONTROL
The TPS61187 has auto phase shifted PWM dimming control with the PWM control interface.
The internal decoder block detects duty information from the input PWM signal, saves it in an eight bit register
and delivers it to the output PWM dimming control circuit. The output PWM dimming control circuit turns on/off
six output current sinks at the PWM frequency set by RFPWM and the duty cycle from the decoder block.
The TPS61187 also has direct PWM dimming control with the PWM control interface. In direct PWM mode, each
current sink turns on/off at the same frequency and duty cycle as the input PWM signal. See the Mode Selection
section for dimming mode selection.
When in phase shifted PWM mode, it is recommended to insert a series resistor of 10k
Ω to 20kΩ value close to
PWMIN pin. This resistor together with an internal capacitor forms a low pass R-C filter with 30ns to 60ns time
constant. This prevents possible high frequency noises being coupled into the input PWM signal and causing
interference to the internal duty cycle decoding circuit. However, it is not necessary for direct PWM mode since
the duty cycle decoding circuit is disabled during the direct PWM mode.
ADJUSTBLE PWM DIMMING FREQUENCY AND MODE SELECTION (R_FPWM / MODE)
The TPS61187 can operate in auto phase shift mode or direct PWM mode. Tying the RFPWM/MODE pin to
VDDIO forces the IC to operate in direct PWM mode. A resistor between the RFPWM/MODE pin and ground
sets the IC into auto phase shift mode and the value of the resistor determines the PWM dimming frequency.
Use Equation 3 or refer to Table 2 to select the correct value:
(3)
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61187


Número de pieza similar - TPS61187RTJR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Descripción similar - TPS61187RTJR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
   I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Infineon Technologies A...
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com