Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS715345DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS715345DCKRG4
Descripción Electrónicos  50 mA, 24 V, 3.2-mA Supply Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715345DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS715345DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS715345DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Actual Size
(2,15 mm x 2,3 mm)
1
FEATURES
DESCRIPTION
APPLICATIONS
3
2
4
5
DCK PACKAGE
(TOP VIEW)
1
FB/NC
GND
NC
OUT
IN
GND
TPS715xx
OUT
IN
MSP430
Solar
Cell
TPS715xx
www.ti.com .................................................................................................................................................... SLVS338P – MAY 2001 – REVISED NOVEMBER 2008
50 mA, 24 V, 3.2-
µA Supply Current
Low-Dropout Linear Regulator in SC70 Package
2
• 24-V Maximum Input Voltage
The TPS715xx low-dropout (LDO) voltage regulators
offer the benefits of high input voltage, low-dropout
• Low 3.2-µA Quiescent Current at 50 mA
voltage,
low-power
operation,
and
miniaturized
• Stable With Any Capacitor (≥ 0.47 µF)
packaging. The devices, which operate over an input
• 50-mA Low-Dropout Regulator
range of 2.5 V to 24 V, are stable with any capacitor
• Available in 1.8 V, 1.9 V, 2.3 V, 2.5 V, 3.0 V,
(
≥ 0.47
µF). The low dropout voltage and low
quiescent current allow operations at extremely low
3.3 V, 3.45 V, 5.0 V, and
power levels. Therefore, the devices are ideal for
Adjustable (1.2 V to 15 V)
powering battery management ICs. Specifically, since
• Designed to Support MSP430 Families:
the devices are enabled as soon as the applied
1.9-V version ensured to be higher than
voltage reaches the minimum input voltage, the
minimum VIN of 1.8 V
output is quickly available to power continuously
operating battery charging ICs.
2.3-V version ensured to meet 2.2-V
minimum VIN for FLASH on MSP430F2xx
The usual PNP pass transistor has been replaced by
a PMOS pass element. Because the PMOS pass
3.45-V version ensured to be lower than
element behaves as a low-value resistor, the low
maximum VIN of 3.6 V
dropout voltage, typically 415 mV at 50 mA of load
Wide variety of fixed output voltage options
current, is directly proportional to the load current.
to match VIN to the minimum required for
The low quiescent current (3.2
µA typically) is stable
desired MSP430 speed
over the entire range of output load current (0 mA to
• Minimum/Maximum Specified Current Limit
50 mA).
• 5-Pin SC70/SOT-323 (DCK) Package
• –40°C to +125°C Specified Junction
Temperature Range
• For 80-mA Rated Current and Higher Power
Package, see TPS715Axx
• Ultra-Low Power Microcontrollers
• Cellular/Cordless Handsets
• Portable/Battery-Powered Equipment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS715345DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715345DCKRG4 TI-TPS715345DCKRG4 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715345DCKRG4 TI1-TPS715345DCKRG4 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
More results

Descripción similar - TPS715345DCKRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com