Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62090 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62090
Descripción Electrónicos  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62090 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62090 Datasheet HTML 3Page - Texas Instruments TPS62090 Datasheet HTML 4Page - Texas Instruments TPS62090 Datasheet HTML 5Page - Texas Instruments TPS62090 Datasheet HTML 6Page - Texas Instruments TPS62090 Datasheet HTML 7Page - Texas Instruments TPS62090 Datasheet HTML 8Page - Texas Instruments TPS62090 Datasheet HTML 9Page - Texas Instruments TPS62090 Datasheet HTML 10Page - Texas Instruments TPS62090 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 3.3 V
L = 1 µH
f = 1.4 MHz
G002
50
55
60
65
70
75
80
85
90
95
100
100m
1
10
100
1k
10k
I load (mA)
VIN = 3.7 V
VIN = 4.2 V
VIN = 5 V
VOUT = 3.3 V
L = 1 µH
f = 2.8 MHz
G001
TPS62090, TPS62091
TPS62092, TPS62093
www.ti.com
SLVSAW2A – MARCH 2012 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS
FIGURE
Efficiency
vs load current (VO = 3.3 V, f = 1.4 MHz, f = 2.8 MHz)
Figure 2, Figure 3
Efficiency
vs load current (VO = 1.8 V, f = 1.4 MHz, f = 2.8 MHz)
Figure 4, Figure 5
Efficiency
vs load current (VO = 1.05 V, f = 1.4 MHz, f = 2.8 MHz)
Figure 6, Figure 7
Output voltage
vs load current (VO = 1.8 V, f = 1.4 MHz, f = 2.8 MHz)
Figure 8, Figure 9
High Side FET on-resistance
vs input voltage
Figure 10
Switching frequency
vs load current (VO = 1. 8 V, f = 1.4 MHz)
Figure 11
Switching frequency
vs input voltage (VO = 1.8 V, f = 1.4 MHz)
Figure 12
Switching frequency
vs load current (VO = 1. 8 V, f = 2.8 MHz)
Figure 13
Switching frequency
vs input voltage (VO = 1.8 V, f = 2.8 MHz)
Figure 14
Quiescent current
vs input voltage ( VO = 1.8 V, f = 1.4 MHz)
Figure 15
PWM operation
VO = 1.8 V, f = 1.4 MHz
Figure 16
PFM operation
VO = 1.8 V, f = 1.4 MHz
Figure 17
PFM operation
VO = 1.8 V, f = 2.8 MHz
Figure 18
Load sweep
VO = 1.8 V, f = 1.4 MHz
Figure 19
Load sweep
VO = 1.8 V, f = 2.8 MHz
Figure 20
Start-up
VO = 1.8 V, f = 2.8 MHz, CSS = 10 nF
Figure 21
Shutdown
VO = 1.8 V, f = 2.8 MHz
Figure 22
Hiccup short circuit protection
VO = 1.8 V, f = 1.4 MHz
Figure 23
Hiccup Short circuit protection
VO = 1.8 V, f = 1.4 MHz, recovery after short circuit
Figure 24
Load transient response
VO = 1.8 V, f = 1.4 MHz, 300 mA to 2.5 A
Figure 25
Load transient response
VO = 1.8 V, f = 1.4 MHz, 300 mA to 2.5 A
Figure 26
Load transient response
VO = 1.8 V, f = 1.4 MHz, 20 mA to 1 A
Figure 27
Figure 2. Efficiency vs Load Current
Figure 3. Efficiency vs Load Current
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62090 TPS62091 TPS62092 TPS62093


Número de pieza similar - TPS62090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62090 TI1-TPS62090 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TPS62090EVM-063 TI1-TPS62090EVM-063 Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
TPS62090QRGTRQ1 TI1-TPS62090QRGTRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TPS62090RGT TI1-TPS62090RGT Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
More results

Descripción similar - TPS62090

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com