Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61256YFF Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS61256YFF
Descripción Electrónicos  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256YFF Datasheet(HTML) 5 Page - Texas Instruments

  TPS61256YFF Datasheet HTML 1Page - Texas Instruments TPS61256YFF Datasheet HTML 2Page - Texas Instruments TPS61256YFF Datasheet HTML 3Page - Texas Instruments TPS61256YFF Datasheet HTML 4Page - Texas Instruments TPS61256YFF Datasheet HTML 5Page - Texas Instruments TPS61256YFF Datasheet HTML 6Page - Texas Instruments TPS61256YFF Datasheet HTML 7Page - Texas Instruments TPS61256YFF Datasheet HTML 8Page - Texas Instruments TPS61256YFF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TPS61253, TPS61254, TPS61256, TPS61258
www.ti.com
SLVSAG8B – SEPTEMBER 2011 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 4.5V (or VIN, whichever is higher), EN = 1.8V, TA = –40°C to
85°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT
= 4.5V, EN = 1.8V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SWITCH
High-side MOSFET on resistance
170
rDS(on)
TPS6125x
m
Low-side MOSFET on resistance
100
Reverse leakage current into
Ilkg
TPS6125x
EN = GND, BP = GND
3.5
µA
VOUT
TPS61253
EN = VIN, BP = GND. Open Loop
3300
3620
3900
TPS61258
TPS61259
Switch valley current limit
mA
TPS61254
ILIM
TPS61256
EN = VIN, BP = GND. Open Loop
1900
2150
2400
TPS61257
Pre-charge mode current limit
TPS6125x
EN = GND, BP = VIN
165
215
265
mA
(linear mode)
Overtemperature protection
140
°C
TPS6125x
Overtemperature hysteresis
20
°C
OSCILLATOR
fOSC
Oscillator frequency
TPS6125x
VIN = 3.6V VOUT = 4.5V
3.5
MHz
TIMING
BP = GND, IOUT = 0mA.
TPS6125x
70
µs
Time from active EN to start switching
TPS61253
Start-up time
TPS61254
BP = GND, IOUT = 0mA.
TPS61256
400
µs
Time from active EN to VOUT
TPS61258
TPS61259
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61253 TPS61254 TPS61256 TPS61258


Número de pieza similar - TPS61256YFF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61256YFFR TI1-TPS61256YFFR Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256YFFR TI1-TPS61256YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256YFFT TI1-TPS61256YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256YFFT TI1-TPS61256YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Descripción similar - TPS61256YFF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com