Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS82677SIP Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS82677SIP
Descripción Electrónicos  600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82677SIP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82677SIP Datasheet HTML 3Page - Texas Instruments TPS82677SIP Datasheet HTML 4Page - Texas Instruments TPS82677SIP Datasheet HTML 5Page - Texas Instruments TPS82677SIP Datasheet HTML 6Page - Texas Instruments TPS82677SIP Datasheet HTML 7Page - Texas Instruments TPS82677SIP Datasheet HTML 8Page - Texas Instruments TPS82677SIP Datasheet HTML 9Page - Texas Instruments TPS82677SIP Datasheet HTML 10Page - Texas Instruments TPS82677SIP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
I - Load Current - mA
O
V = 1.8 V
O
V = 2.7 V
PFM/PWM Operation
I
V = 3.6 V
PFM/PWM Operation
I
V = 4.2 V
PFM/PWM Operation
I
V = 3.6 V
Forced PWM Operation
I
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
100
1000
I - Load Current - mA
O
V = 1.2 V
O
V = 2.7 V
PFM/PWM Operation
I
V = 3.6 V
PFM/PWM Operation
I
V = 4.2 V
PFM/PWM Operation
I
V = 3.6 V
Forced PWM Operation
I
TPS82670, TPS82671, TPS82672, TPS82673
TPS82674, TPS82675, TPS82676, TPS82677, TPS826711
www.ti.com
SLVSAI0D – OCTOBER 2010 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Load current
3, 4
η
Efficiency
vs Input voltage
5
Peak-to-peak output ripple voltage
vs Load current
6, 7, 8
VO
DC output voltage
vs Load current
9, 10, 11
Combined line/load transient
12, 13
response
14, 15, 16, 17
Load transient response
18, 19, 20
AC load transient response
21
22, 23, 24, 25
Load transient response
26, 27, 28
AC load transient response
29
PFM/PWM boundaries
vs Input voltage
30, 31
IQ
Quiescent current
vs Input voltage
32
fs
PWM switching frequency
vs Input voltage
33
Start-up
34, 35
PSRR
Power supply rejection ratio
vs. Frequency
36
Spurious output noise (PFM mode)
vs. Frequency
37
Spurious output noise (PWM mode)
vs. Frequency
38
Output spectral noise density
vs. Frequency
39
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS82670 TPS82671 TPS82672 TPS82673 TPS82674 TPS82675 TPS82676 TPS82677
TPS826711


Número de pieza similar - TPS82677SIP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82677SIPR TI1-TPS82677SIPR Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82677SIPR TI-TPS82677SIPR Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82677SIPR TI1-TPS82677SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82677SIPR TI1-TPS82677SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82677SIPR TI1-TPS82677SIPR Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Descripción similar - TPS82677SIP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com