Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS659107A1RSL Datasheet(PDF) 84 Page - Texas Instruments

No. de pieza TPS659107A1RSL
Descripción Electrónicos  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659107A1RSL Datasheet(HTML) 84 Page - Texas Instruments

Back Button TPS659107A1RSL Datasheet HTML 80Page - Texas Instruments TPS659107A1RSL Datasheet HTML 81Page - Texas Instruments TPS659107A1RSL Datasheet HTML 82Page - Texas Instruments TPS659107A1RSL Datasheet HTML 83Page - Texas Instruments TPS659107A1RSL Datasheet HTML 84Page - Texas Instruments TPS659107A1RSL Datasheet HTML 85Page - Texas Instruments TPS659107A1RSL Datasheet HTML 86Page - Texas Instruments TPS659107A1RSL Datasheet HTML 87Page - Texas Instruments TPS659107A1RSL Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
SWCS046N – MARCH 2010 – REVISED APRIL 2012
www.ti.com
Bits
Field Name
Description
Type
Reset
7:2
Reserved
Reserved bit
RW
0
1
GPIO0_F_IT_MSK
GPIO_CKSYNC falling edge detection interrupt mask.
RW
0
0
GPIO0_R_IT_MSK
GPIO_CKSYNC rising edge detection interrupt mask.
RW
0
Table 78. GPIO0_REG
Address Offset
0x60
Physical Address
Instance
Description
GPIO0 configuration register
Type
RW
7
6
5
4
3
2
1
0
Reserved
GPIO_DEB
GPIO_PUEN
GPIO_CFG
GPIO_STS
GPIO_SET
Bits
Field Name
Description
Type
Reset
7:5
Reserved
Reserved bit
RO
0x0
R returns
0s
4
GPIO_DEB
GPIO_CKSYNC input debouncing time configuration:
RW
0
When 0, the debouncing is 91.5 µs using a 30.5 µs clock rate
When 1, the debouncing is 150 ms using a 50 ms clock rate
3
GPIO_PUEN
GPIO_CKSYNC pad pull-up control:
RW
1
1: Pull-up is enabled
0: Pull-up is disabled
2
GPIO_CFG
Configuration of the GPIO_CKSYNC pad direction:
RW
0
When 0, the pad is configured as an input
When 1, the pad is configured as an output
1
GPIO_STS
Status of the GPIO_CKSYNC pad
RO
1
0
GPIO_SET
Value set on the GPIO output when configured in output mode
RW
0
Table 79. JTAGVERNUM_REG
Address Offset
0x80
Physical Address
Instance
Description
Silicon version number
Type
RO
7
6
5
4
3
2
1
0
Reserved
VERNUM
Bits
Field Name
Description
Type
Reset
7:4
Reserved
Reserved bit
RO
0x0
R returns
0s
3:0
VERNUM
Value depending on silicon version number 0000 - Revision 1.0
RO
0x0
84
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Número de pieza similar - TPS659107A1RSL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS659107A1RSL TI1-TPS659107A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659107A1RSLR TI1-TPS659107A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Descripción similar - TPS659107A1RSL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com