Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT0009 Datasheet(PDF) 1 Page - Elektron Components Ltd.

No. de pieza KT0009
Descripción Electrónicos  Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BULGIN [Elektron Components Ltd.]
Página de inicio  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

KT0009 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  KT0009 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
95
95
KT0006
(Shown with PX0580 & PX0587)
Prevents Accidental Removal
Fits flanged inlets
Accessories
RETAINING CLIP
KT0012
(Shown with PX0596 & PX0599)
Prevents Accidental Removal
For use with PX0596 flanged
inlet and PX0599 connector
KT0009
(Shown with PF0001 & PX0587)
Prevents Accidental Removal
Fits fused flanged inlets
RETAINING CLIP
RETAINING CLIP
Specification
KT0006
KT0009
KT0012
Retaining Clip to prevent accidental
Retaining Clip to prevent accidental
Retaining Clip to prevent accidental
removal of connector.
removal of connector.
removal of connector.
Fits: PX0580 + PX0587
Fits:
PF0001+ PX0587
Fits:
PX0596 + PX0599
PX0590 + PX0597
PF0001/PC + PX0587
PX0690 + PX0587
PF0002 + PX0587
PX0675 + PX0686
PF0030 + PX0587
PX0793 + PX0686
PX0793/1 + PX0686
Material:
Clip: Stainless Steel, other parts Brass,
Clip: Stainless Steel, other parts Brass,
Clip: Stainless Steel, other parts Brass,
Nickel Plated
Nickel Plated
Nickel Plated
Compliant
Compliant
Compliant
95
IEC CONNECTORS
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 95


Número de pieza similar - KT0009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Apex Electronics Co., L...
KT0000Q-010 APEX-ELECTRONICS-KT0000Q-010 Datasheet
332Kb / 2P
   Pushbutton Switches, 500,000 cycles, optional LED
KT0000Q-011 APEX-ELECTRONICS-KT0000Q-011 Datasheet
332Kb / 2P
   Pushbutton Switches, 500,000 cycles, optional LED
KT0000Q-012 APEX-ELECTRONICS-KT0000Q-012 Datasheet
332Kb / 2P
   Pushbutton Switches, 500,000 cycles, optional LED
KT0000Q-013 APEX-ELECTRONICS-KT0000Q-013 Datasheet
332Kb / 2P
   Pushbutton Switches, 500,000 cycles, optional LED
KT0000Q-020 APEX-ELECTRONICS-KT0000Q-020 Datasheet
332Kb / 2P
   Pushbutton Switches, 500,000 cycles, optional LED
More results

Descripción similar - KT0009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com