Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMBTA55 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

No. de pieza SMBTA55
Descripción Electrónicos  PNP Silicon AF Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA55 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SMBTA55 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA55 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA55 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA55 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
SMBTA 55
SMBTA 56
Base-emitter saturation voltage
IC = f (VBE sat), hFE = 10
Collector cutoff current ICB0 = f (TA)
VCB = VCE max
Collector-emitter saturation voltage
IC = f (VCE sat), hFE = 10
DC current gain hFE = f (IC)
VCE =1V


Número de pieza similar - SMBTA55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA56 INFINEON-SMBTA56 Datasheet
532Kb / 7P
   PNP Silicon AF Transistor
2011-08-05
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
More results

Descripción similar - SMBTA55

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com