Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS73CAG02808RAUJI8I Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS73CAG02808RAUJI8I
Descripción Electrónicos  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG02808RAUJI8I Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS73CAG02808RAUJI8I Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG02808RAUJI8I Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
AMS73CAG01808RA Rev. 1.0 December 2010
1
2
345
6 7
8
9 10
11
12
13
14
15
16 17 18
19
AM S
73
C
A
G 0180
8
R
A
J
I 9
ORGANIZATION
& REFRESH
256Mx4, 8K : G0140
64Mx16, 8K : G0116
128Mx8, 8K : G0180
512Mx4, 8K : G0240
128Mx16, 8K : G0216
TEMPERATURE
256Mx8, 8K : G0280
BLANK:
0 - 95
TYPE
I :
-40 - 95
73 : DDR3
CMOS
H :
-40 - 105
E :
-40 - 125
SPEED
VOLTAGE
BANKS
H7 : 533MHz @CL7-7-7
A :
1.5 V
8 : 8 BANKS
I/O
H8 : 533MHz @CL8-8-8
R: SSTL_15
REV CODE
I8 : 667MHz @CL8-8-8
I9 : 667MHz @CL9-9-9
SPECIAL FEATURE
L : LOW POWER GRADE
U : ULTRA LOW POWER GRADE
PACKAGE
Green PACKAGE
DESCRIPTION
JFBGA
*GREEN: RoHS-compliant and Halogen-Free
Part Number Information
1Gb DDR3 SDRAM Addressing
Configuration
128Mb x 8
# of Bank
8
Bank Address
BA0 ~ BA2
Auto precharge
A10/AP
Row Address
A0 ~ A13
Column Address
A0 ~ A9
BC switch on the fly
A12/BC
Page size
1 KB
AMS73CAG01808RA


Número de pieza similar - AMS73CAG02808RAUJI8I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Descripción similar - AMS73CAG02808RAUJI8I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com