Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1085D-ADJ Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS1085D-ADJ
Descripción Electrónicos  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085D-ADJ Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS1085D-ADJ Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085D-ADJ Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMS
1085S2-2.5TR
AMS
1085CM-2.5
AMS
1085S2-3.3
AMS
1085CM-3.3
AMS
1085S2-3.3TR
AMS
1085CM-3.3
AMS
1085S2-5.0
AMS
1085CM-5.0
AMS
1085S2-5.0TR
TO-263-2L
AMS
1085CM-5.0
VIN
ADJ/GND
Band
gap
TSD
Current
limit
Fixed
Adj
VO
A
F1
F2
: F1 and F2 connect, disconnect A
: A connect, F1 and F2 disconnect
VIN
20
V
TLEAD
260
°C
TJ
150
°C
TS
-65 ~ +150
V
PD
mW
ESD
2000
V
Note1: The maximum allowable power dissipation is a function of maximum operating junction temperature TJ
(max)
, the junction to ambient thermal resistance θJA, and the ambient temperature Tamb. The maximum
allowable power dissipation at any ambient temperature is given: PD (max) = (TJ (max) - Tamb)/θJA, exceeding the
maximum allowable power limit will result in excessive die temperature; thus, the regulator will go into thermal
shutdown. The junction to ambient thermal resistance θJA of different packages may be different, and the he
value of θJA depends on mounting technique.
PART NO
Package
Marking
Material
Packing Type
Pb free
Pb free
Pb free
Pb free
Pb free
Tube
Tube
Tape & Reel
Tape & Reel
Tape & Reel
BLOCK DIAGRAM
ABOSOLUTE MAXIMUM
RATINGS
Symbol
Characteristics
Unit
Ratings
Input Supply Voltage
Operating Junction Temperature Range
Lead Temperature (Soldering,5 Seconds)
Power Dissipation
Storage Temperature
Range
Internally Limited (Note1)
ESD Tolerance (Minimum)
AMS1085
3
Advanced Monolithic Systems http://www.ams-semitech.com


Número de pieza similar - AMS1085D-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS1085D-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com