Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS810R Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS810R
Descripción Electrónicos  Precision supply-voltage monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS810R Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS810R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS810R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Maximum Ratings
Storage Temperature ............................................................-65oC to +150oC
Ambient Temperature with Power Applied.......................... -40oC to +85oC
Supply Voltage to Ground Potential (Vcc to GND) ..............-0.3V to +6.0V
DC Input Voltage (All inputs except Vcc and GND)......-0.3V to VCC+0.3V
DC Output Current (All outputs) ..........................................................20mA
Power Dissipation .............................................................................. 320mW
Recommended Operation Conditions
Sym
Description
Test Conditions
Min
Typ
Max
Unit
Supply Voltage for 803/09/10(L/M)
-
4.5
5.0
5.5
V
Supply Voltage for 803/09/10(T/S)
-
3.0
3.3
5.5
V
VCC
Supply Voltage for 803/09/10(R/Z)
-
2.7
3.0
5.5
V
TA
Operating Temperature
-
-40
-
85
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.
AMS803/09/10
Advanced Monolithic Systems http://www.ams-semitech.com
4


Número de pieza similar - AMS810R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811-EUS-T AMS-AMS811-EUS-T Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811L AMS-AMS811L Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811M AMS-AMS811M Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
AMS811R AMS-AMS811R Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
More results

Descripción similar - AMS810R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com