Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1085S2-1.5TR Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS1085S2-1.5TR
Descripción Electrónicos  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085S2-1.5TR Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS1085S2-1.5TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1085S2-1.5TR Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Output Voltage Change vs. Temperature Stability
Temperature
PSRR vs. Frequency
Frequency (Hz)
Short-Circuit Current vs. Dropout Voltage
Time (uS)
Load Transient Response
Dropout Voltage (V)
Temperature
Time (uS)
Adjust Pin Current vs. Temperature
Line Transient Response
TYPICAL CHARACTERISTICS CURVES
10
100
1K
10K
100K
1M
-50 -25 0
25 50
75 100 125 150
0
2
4
6
8
10
12
-50 -25
0
25 50 75 100 125 150
0
100
200
0
50
100
Vout=10V
Iin=0.2A
Cin=1uF Tantalum
Cout=10uF Tantalum
Cadj=0
Cin=1uF
Cout=10uF Tantalum
Cadj=0
Vout=10V
Vin=13V
PRELOAD=100mA
2.0
1.0
0
-1.0
-2.0
100
90
80
70
60
50
40
30
20
10
0
60
40
20
0
-20
-40
-60
14
13
12
90
80
70
60
50
40
30
20
10
0
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
5
4
2
0
7
6
5
4
3
2
1
0
AMS1085
8
Advanced Monolithic Systems http://www.ams-semitech.com


Número de pieza similar - AMS1085S2-1.5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS1085S2-1.5TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com