Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1085S2-1.8TR Datasheet(PDF) 4 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS1085S2-1.8TR
Descripción Electrónicos  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085S2-1.8TR Datasheet(HTML) 4 Page - Advanced Monolithic Systems Ltd

  AMS1085S2-1.8TR Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085S2-1.8TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
VIN
12
V
TJ
0 ~ +125
°C
VREF
AMS
1085-ADJ,
IOUT=10mA, VIN-VOUT=3V,
10mA≤IOUT≤3A,1.5V≤VIN-VOUT≤5V
1.238
1.225
1.250
1.250
1.262
1.270
V
AMS
1085-1.5,
IOUT=10mA, VIN=4.5V,
10mA≤IOUT≤3A, 3.0V≤VIN≤6V
1.485
1.47
1.5
1.5
1.515
1.53
V
AMS
1085-1.8,
IOUT=10mA, VIN=4.8V,
10mA≤IOUT≤ 3A, 3.3V≤VIN≤6V
1.782
1.764
1.8
1.8
1.818
1.836
V
AMS
1085-2.5,
IOUT=10mA, VIN=5.5V
10mA≤IOUT≤3A, 4.0V≤VIN ≤7V
2.475
2.45
2.5
2.5
2.525
2.55
V
AMS
1085-3.3,
IOUT=10mA, VIN=6.3V,
10mA≤IOUT≤3A, 4.8V≤VIN≤8V
3.267
3.234
3.3
3.3
3.333
3.366
V
VOUT
AMS
1085-5.0,
IOUT=10mA, VIN=8V, 10mA≤
IOUT≤3A, 6.5V≤VIN≤10V
4.95
4.9
5
5
5.05
5.1
V
AMS
1085-ADJ,
IOUT=10mA, 2.85V≤VIN≤10V
0.015
0.035
0.2
0.2
%
AMS
1085-1.5,
IOUT=10mA, 3.0V≤VIN≤10V
0.5
1
6
6
mV
AMS
1085-1.8,
IOUT=10mA, 3.3V≤VIN≤10V
0.5
1
6
6
mV
AMS
1085-2.5,
IOUT=10mA, 4.0V≤VIN≤10V
0.5
1
6
6
mV
AMS
1085-3.3,
IOUT=10mA, 4.8V≤VIN≤10V
0.5
1
6
6
mV
ΔVOUT
AMS
1085-5.0,
IOUT=10mA, 6.5V≤VIN≤10V
0.5
1
10
10
mV
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified. Limits appearing in Boldface
type apply over the entire junction temperature range for operation, 0°C to 125°C. )
Characteristics
Symbol
Characteristics
Symbol
Ratings
Unit
Unit
RECOMMENDED OPERATING CONDITIONS
Conditions
Max.
Typ.
Min.
Input Supply Voltage
Operating Junction Temperature Range
Line Regulation
Reference Voltage
Output Voltage
AMS1085
4
Advanced Monolithic Systems http://www.ams-semitech.com


Número de pieza similar - AMS1085S2-1.8TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS1085S2-1.8TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com