Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS1084S2-3.3 Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS1084S2-3.3
Descripción Electrónicos  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084S2-3.3 Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS1084S2-3.3 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084S2-3.3 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMS
1084-ADJ, 0mA≤IOUT≤5A,
VIN-VOUT=3V
0.1
0.2
0.3
0.4
%
AMS
1084-1.5, 0mA≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AMS
1084-1.8, 0mA≤ IOUT≤5A
VIN-VOUT=3V
3
7
15
20
mV
AMS
1084-2.5, 0mA≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
AMS
1084-3.3, 0mA≤IOUT≤5A,
VIN-VOUT=3V
3
7
15
20
mV
ΔVOUT
AMS
1084-5.0, 0mA≤IOUT≤5A,
VIN-VOUT=3V
5
10
20
35
mV
VDROP IOUT=5A, ΔVREF, ΔVOUT=1%
1.45
1.5
V
ILIMIT
VIN-VOUT=3V
5.5
6.5
A
ILOAD
(MIN)
VIN=10V (AMS1084-ADJ)
3
10
mA
IQ
VIN=10V (AMS1084)
5
10
mA
PSRR
fRIPPLE=120Hz, COUT=25μF
IOUT=5A, VIN-VOUT=3V
60
72
dB
IADJ
VIN=4.25V, IOUT=10mA
55
120
μA
ΔIADJ
10mA≤IOUT≤5A,
1.5V≤(VIN-VOUT)≤4.5V
0.2
5
μA
IOUT=10mA, VIN-VOUT=1.5V
0.5
%
Tamb=125
°C, 1000Hrs
0.5
%
10Hz≤f≤10kHz
0.003
%
TO-263-3L
60
TO-263-2L
60
TO-220-3L
60
θJA
TO-252-2L
100
°C/W
AMS1084
Characteristics Symbol
Conditions
Unit
Max.
Min.
Typ.
Dropout Voltage
Load Regulation
Minimum Load Current
Current Limitting
Quiescent Current
Adjust Pin Current
Ripple Rejection
Long Term Stability
Temperature Stability
RMS Output Noise(% of Vout)
Thermal Resistance
Adjust Pin Current Change
5
Advanced Monolithic Systems http://www.ams-semitech.com


Número de pieza similar - AMS1084S2-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Descripción similar - AMS1084S2-3.3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com