Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMS73CAG02808RALJH7 Datasheet(PDF) 9 Page - Advanced Monolithic Systems Ltd

No. de pieza AMS73CAG02808RALJH7
Descripción Electrónicos  HIGH PERFORMANCE 1Gbit DDR3 SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMS [Advanced Monolithic Systems Ltd]
Página de inicio   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS73CAG02808RALJH7 Datasheet(HTML) 9 Page - Advanced Monolithic Systems Ltd

Back Button AMS73CAG02808RALJH7 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 11Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 12Page - Advanced Monolithic Systems Ltd AMS73CAG02808RALJH7 Datasheet HTML 13Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
AMS73CAG01808RA Rev. 1.0 December 2010
Mode Register MR2
The Mode Register MR2 stores the data for controlling refresh related features, RTT_WR impedance and
CAS write latency (CWL). The Mode Register 2 is written by asserting low on CS, RAS, CAS, WE, high on
BA1, low on BA0 and BA2, while controlling the states of address pins according to the table below.
Mode Register 2
Address Field
BA
1
BA
0
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
1
A13
0*1
BA
2
0*1
A
12
PASR*2
A2 A1 A0
Partial Array Self Refresh (Optional)
000
Full Array
0
0
1
HalfArray (BA[2:0]=000,001,010, &011)
0
1
0
Quarter Array (BA[2:0]=000, & 001)
0
1
1
1/8th Array (BA[2:0] = 000)
1
0
0
3/4 Array (BA[2:0] = 010,011,100,101,110, & 111)
1
0
1
HalfArray (BA[2:0] = 100, 101, 110, &111)
1
1
0
Quarter Array (BA[2:0]=110, &111)
1
1
1
1/8th Array (BA[2:0]=111)
* 1 : BA2, A8, A11 ~ A13 are RFU and must be programmed to 0 during MRS.
* 2 : The Rtt_WR value can be applied during writes even when Rtt_Nom is disabled.
During write leveling, Dynamic ODT is not available.
SRT
A5 A4 A3
CAS write Latency (CWL)
00
0
5 (tCK(avg)
≥2.5ns)
0
0
1
6 (2.5ns
>tCK(avg) ≥1.875ns)
01
0
7 (1.875ns
>tCK(avg) ≥1.5ns)
01
1
8 (1.5ns
>tCK(avg) ≥1.25ns)
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
A7
Self-refresh temperature range (SRT)
0
Normal operating temperature range
1
Extend temperature self-refresh (Optional)
0*1
Rtt_WR
A10 A9
Rtt_WR *2
00
Dynamic ODT off
(Write does not affect Rtt value)
01
RZQ/4
10
RZQ/2
1
1
Reserved
BA1
BA0
MRS mode
00
MR0
01
MR1
10
MR2
11
MR3
0
CWL
ASR
A6
Auto Self-refresh (ASR)
0
1
ASR enable (Optional)
Manual SR Reference (SRT)
AMS73CAG01808RA


Número de pieza similar - AMS73CAG02808RALJH7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS73XX AMS-AMS73XX Datasheet
7Mb / 6P
   Low power consumption
More results

Descripción similar - AMS73CAG02808RALJH7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com