Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD255A Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

No. de pieza AD255A
Descripción Electrónicos  RF Power LDMOS Transistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AD255A Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button AD255A Datasheet HTML 7Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 8Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 9Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 10Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 11Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 12Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 13Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 14Page - Freescale Semiconductor, Inc AD255A Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AFT05MS031NR1 AFT05MS031GNR1
11
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 380--450 MHz UHF WIDEBAND
REFERENCE CIRCUIT
370
Gps
f, FREQUENCY (MHz)
Figure 12. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 12.5 V
17
18
17.9
17.8
25
80
75
70
65
30
29
28
27
ηD
17.7
17.6
17.5
17.4
17.3
17.2
17.1
380
390
400
410
420
430
440
460
60
26
VDD = 12.5 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
Pout
370
Gps
f, FREQUENCY (MHz)
Figure 13. Power Gain, Output Power and Drain Efficiency versus
Frequency at a Constant Input Power — 13.6 V
17.5
18.5
18.4
18.3
30
80
75
70
65
35
34
33
32
ηD
18.2
18.1
18
17.9
17.8
17.7
17.6
380
390
400
410
420
430
440
450
60
31
Pout
VDD = 13.6 Vdc, Pin =0.5 W(Avg.)
IDQ = 100 mA
450
460


Número de pieza similar - AD255A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
AD255A NXP-AD255A Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
More results

Descripción similar - AD255A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com